Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM79 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM79
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM79 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button LM79 Datasheet HTML 22Page - National Semiconductor (TI) LM79 Datasheet HTML 23Page - National Semiconductor (TI) LM79 Datasheet HTML 24Page - National Semiconductor (TI) LM79 Datasheet HTML 25Page - National Semiconductor (TI) LM79 Datasheet HTML 26Page - National Semiconductor (TI) LM79 Datasheet HTML 27Page - National Semiconductor (TI) LM79 Datasheet HTML 28Page - National Semiconductor (TI) LM79 Datasheet HTML 29Page - National Semiconductor (TI) LM79 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Functional Description (Continued)
13.4 Interrupt Status Register 1 — Address 41h
Power on default <7:0> = 00h
Bit
Name
Read/Write
Description
0
IN0
Read Only
A one indicates a High or Low limit has been exceeded.
1
IN1
Read Only
A one indicates a High or Low limit has been exceeded.
2
IN2
Read Only
A one indicates a High or Low limit has been exceeded.
3
IN3
Read Only
A one indicates a High or Low limit has been exceeded.
4
Temperature
Read Only
A one indicates a High or Low limit has been exceeded.
5
BTI
Read Only
A one indicates an interrupt has occurred from the Board Temperature Interrupt (BTI)
input (O.S. output of multiple LM75 chips).
6
FAN1
Read Only
A one indicates the fan count limit has been exceeded.
7
FAN2
Read Only
A one indicates the fan count limit has been exceeded.
13.5 Interrupt Status Register 2 — Address 42h
Power on default <7:0> = 00h
Bit
Name
Read/Write
Description
0
IN4
Read Only
A one indicates a High or Low limit has been exceeded.
1
-IN5
Read Only
A one indicates a High or Low limit has been exceeded.
2
-IN6
Read Only
A one indicates a High or Low limit has been exceeded.
3
FAN3
Read Only
A one indicates the fan count limit has been exceeded.
4
Chassis Intrusion
Read Only
A one indicates Chassis Intrusion has gone high.
5
FIFO Overflow
Read Only
A one indicates an overflow in FIFO (POST RAM) i.e. 32nd location in FIFO has
been written via Port x0h or x4h.
6
SMI__IN
Read Only
A one indicates SMI__IN has gone low.
7
Reserved
Read Only
13.6 SMI Mask Register 1 — Address 43h
Power on default <7:0> = 00h
Bit
Name
Read/
Write
Description
0
IN0
Read/Write
A one disables the corresponding interrupt status bit for SMI interrupt.
1
IN1
Read/Write
A one disables the corresponding interrupt status bit for SMI interrupt.
2
IN2
Read/Write
A one disables the corresponding interrupt status bit for SMI interrupt.
3
IN3
Read/Write
A one disables the corresponding interrupt status bit for SMI interrupt.
4
Temperature
Read/Write
A one disables the corresponding interrupt status bit for SMI interrupt.
5
BTI
Read/Write
A one disables the corresponding interrupt status bit for SMI interrupt.
6
FAN1
Read/Write
A one disables the corresponding interrupt status bit for SMI interrupt.
7
FAN2
Read/Write
A one disables the corresponding interrupt status bit for SMI interrupt.
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com