Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM79 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM79
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM79 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM79 Datasheet HTML 1Page - National Semiconductor (TI) LM79 Datasheet HTML 2Page - National Semiconductor (TI) LM79 Datasheet HTML 3Page - National Semiconductor (TI) LM79 Datasheet HTML 4Page - National Semiconductor (TI) LM79 Datasheet HTML 5Page - National Semiconductor (TI) LM79 Datasheet HTML 6Page - National Semiconductor (TI) LM79 Datasheet HTML 7Page - National Semiconductor (TI) LM79 Datasheet HTML 8Page - National Semiconductor (TI) LM79 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Pin Description (Continued)
Pin
Name(s)
Pin
Number
Number
of Pins
Type
Description
Power
Switch
Bypass
16
1
Digital Output
An active low open drain output intended to drive an external P-channel
power MOSFET for software power control.
FAN3–FAN1
17–19
3
Digital Input
0V to +5V amplitude fan tachometer input.
SCL
20
1
Digital Input
Serial Bus Clock.
SDA
21
1
Digital I/O
Serial Bus bidirectional Data.
RESET
22
1
Digital Output
Master Reset, 5 mA driver (open drain), active low output with a 20 ms
minimum pulse width. Available when enabeld via Bit 7 in SMI Mask
Register 2.
VID4/NTEST
23
1
Digital
Input/Test
Output
By default an input for the VID4 power supply readout for the system
processor (Pentium/PRO). Can be programmed as a NAND Tree
totem-pole output that provides board-level connectivity testing. Refer to
Section 11.0 on NAND Tree testing.
GNDA
24
1
GROUND
Internally connected to all analog circuitry. The ground reference for all
analog inputs.
−IN6
25
1
Analog Input
Ground-referred inverting op amp input. Refer to
Section 4.0, “ANALOG
INPUTS”.
FB6
26
1
Analog Output
Output of inverting op amp for Input 6. Refer to
Section 4.0, “ANALOG
INPUTS”.
FB5
27
1
Analog Output
Output of inverting op amp for Input 5. Refer to
Section 4.0, “ANALOG
INPUTS”.
−IN5
28
1
Analog Input
Ground-referred inverting op amp input. Refer to
Section 4.0, “ANALOG
INPUTS”.
IN4–IN0
29–33
5
Analog Input
0V to 4.096V FSR Analog Inputs.
VID3–VID0
34–37
4
Digital Input
Inputs for the power supply readouts for system microprocessor
(Pentium/PRO). This value is read in the VID/Fan Divisor Register.
BTI
38
1
Digital Input
Board Temperature Interrupt driven by O.S. outputs of additional
temperature sensors such as LM75. Provides internal pull-up of 10 k
Ω.
NMI/IRQ
39
1
Digital Output
Non-Maskable Interrupt (open source)/Interrupt Request (open drain).
The mode is selected with Bit 5 of the Configuration Register and the
output is enabled when Bit 2 of the Configuration Register is set to 1.
The default state is disabled and IRQ mode.
SMI
40
1
Digital Output
System Management Interrupt (open drain). This output is enabled when
Bit 1 in the Configuration Register is set to 1. The default state is
disabled.
A2–A0
41–43
3
Digital Input
The three lowest order bits of the 16-bit ISA Address Bus. A0
corresponds to the lowest order bit.
CS
44
1
Digital Input
Chip Select input from an external decoder which decodes high order
address bits on the ISA Address Bus. This is an active low input.
TOTAL PINS
44
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com