Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM79 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM79
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM79 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM79 Datasheet HTML 21Page - National Semiconductor (TI) LM79 Datasheet HTML 22Page - National Semiconductor (TI) LM79 Datasheet HTML 23Page - National Semiconductor (TI) LM79 Datasheet HTML 24Page - National Semiconductor (TI) LM79 Datasheet HTML 25Page - National Semiconductor (TI) LM79 Datasheet HTML 26Page - National Semiconductor (TI) LM79 Datasheet HTML 27Page - National Semiconductor (TI) LM79 Datasheet HTML 28Page - National Semiconductor (TI) LM79 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Functional Description (Continued)
13.2 Data Register (Port x6h)
Power on default <7:0> = 00h
Bit
Name
Read/
Write
Description
7–0
Data
Read/Write
Data to be read from or to be written to RAM and Register.
13.3 Configuration Register — Address 40h
Power on default <7:0> = 00001000 binary
Bit
Name
Read/
Write
Description
0
Start
Read/Write
A one enables startup of monitoring operations, a zero puts the part in standby mode.
Note: The outputs of Interrupt pins will not be cleared if the user writes a zero to this
location after an interrupt has occurred unlike “INT__Clear” bit.
1
SMI Enable
Read/Write
A one enables the SMI Interrupt output.
2
NMI/IRQ
Enable
Read/Write
A one enables the NMI/IRQ Interrupt output.
3
INT__Clear
Read/Write
A one disables the SMI and NMI/IRQ outputs without affecting the contents of Interrupt
Status Registers. The device will stop monitoring. It will resume upon clearing of this
bit.
4
RESET
Read/Write
A one outputs at least a 20 ms active low reset signal at RESET if <7> = 1 in SMI
Mask Register 2. This bit is cleared once the pulse has gone inactive.
5
NMI/IRQ
Select
Read/Write
A one selects NMI, and a zero selects IRQ.
6
Power Switch
Bypass
Read/Write
A one in this bit drives a zero on open drain Power Switch Bypass pin.
7
INITIALIZATION
Read/Write
A one restores power on default value to all registers except the Serial Bus Address
register. This bit clears itself since the power on default is zero.
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com