Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM79 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM79
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM79 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM79 Datasheet HTML 1Page - National Semiconductor (TI) LM79 Datasheet HTML 2Page - National Semiconductor (TI) LM79 Datasheet HTML 3Page - National Semiconductor (TI) LM79 Datasheet HTML 4Page - National Semiconductor (TI) LM79 Datasheet HTML 5Page - National Semiconductor (TI) LM79 Datasheet HTML 6Page - National Semiconductor (TI) LM79 Datasheet HTML 7Page - National Semiconductor (TI) LM79 Datasheet HTML 8Page - National Semiconductor (TI) LM79 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Block Diagram
Pin Description
Pin
Name(s)
Pin
Number
Number
of Pins
Type
Description
IORD
1
1
Digital Input
An active low standard ISA bus I/O Read Control.
IOWR
2
1
Digital Input
An active low standard ISA bus I/O Write Control.
SYSCLK
3
1
Digital Input
The reference clock for the ISA bus. Typically ranges from 4.167 MHz to
8.33 MHz. The minimum clock frequency this input can handle is 1 Hz.
D7–D0
4–11
8
Digital I/O
Bi-directional ISA bus Data lines. D0 corresponds to the low order bit,
with D7 the high order bit.
V
CC (+5V)
12
1
POWER
+5V V
CC power. Bypass with the parallel combination of 10 µF
(electolytic or tantalum) and 0.1 µF (ceramic) bypass capacitors.
GNDD
13
1
GROUND
Internally connected to all digital circuitry.
SMI__IN
14
1
Digital Input
Chainable SMI (System Management Interrupt) Input. This is an active
low input that propagates the SMI signal to the SMI output of the LM79
via SMI Mask Register Bit 6 and SMI enable Bit 1 of the Configuration
Register.
Chassis
Intrusion
15
1
Digital I/O
An active high input from an external circuit which latches a Chassis
Intrusion event. This line can go high without any clamping action
regardless of the powered state of the LM79. The LM79 provides an
internal open drain on this line, controlled by Bit 7 of NMI Mask Register
2, to provide a minimum 20 ms reset of this line.
DS100036-3
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com