Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM79 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM79
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM79 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM79 Datasheet HTML 3Page - National Semiconductor (TI) LM79 Datasheet HTML 4Page - National Semiconductor (TI) LM79 Datasheet HTML 5Page - National Semiconductor (TI) LM79 Datasheet HTML 6Page - National Semiconductor (TI) LM79 Datasheet HTML 7Page - National Semiconductor (TI) LM79 Datasheet HTML 8Page - National Semiconductor (TI) LM79 Datasheet HTML 9Page - National Semiconductor (TI) LM79 Datasheet HTML 10Page - National Semiconductor (TI) LM79 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
AC Electrical Characteristics (Note 13) The following specifications apply for +4.25 V
DC ≤ VCC ≤
+5.75 V
DC unless otherwise specified. Boldface limits apply for TA =TJ =TMIN to TMAX; all other limits TA =TJ =
25˚C.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 8)
(Note 9)
(Limits)
ISA TIMING CHARACTERISTICS
f
SYSCLK
System Clock (SYSCLK) Input Frequency
8.33
MHz
t
CS(setup)
CS Active to IORD/IOWR Active
10
ns (min)
t
CS(hold)
IORD/IOWR Inactive to CS Inactive
10
ns (min)
t
SA(setup)
Address Valid to IORD/IOWR Active
30
ns (min)
t
SA(hold)
IORD/IOWR Inactive to Address Invalid
10
ns (min)
ISA WRITE TIMING
t
SDWR(setup)
Data Valid to IOWR Active
5
ns (min)
t
SDWR(hold)
IOWR Inactive to Data Invalid
5
ns (min)
t
WR(setup)
IOWR Active to Rising Edge of SYSCLK
20
ns (min)
DS100036-4
The delay between consecutive IORD and IOWR pulses should be greater than 50 ns to ensure that a Power-on reset does not
occur unintentionally. (See
Section 3.2 ‘Resets’ )
FIGURE 1. ISA Bus Write Timing Diagram
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com