Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM79 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM79
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM79 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM79 Datasheet HTML 1Page - National Semiconductor (TI) LM79 Datasheet HTML 2Page - National Semiconductor (TI) LM79 Datasheet HTML 3Page - National Semiconductor (TI) LM79 Datasheet HTML 4Page - National Semiconductor (TI) LM79 Datasheet HTML 5Page - National Semiconductor (TI) LM79 Datasheet HTML 6Page - National Semiconductor (TI) LM79 Datasheet HTML 7Page - National Semiconductor (TI) LM79 Datasheet HTML 8Page - National Semiconductor (TI) LM79 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM79
Microprocessor System Hardware Monitor
General Description
The LM79 is a highly integrated Data Acquisition system for
hardware monitoring of servers, Personal Computers, or
virtually any microprocessor based system. In a PC, the
LM79 can be used to monitor power supply voltages, tem-
peratures, and fan speeds. Actual values for these inputs
can be read at any time, and programmable WATCHDOG
limits in the LM79 activate a fully programmable and
maskable interrupt system with two outputs.
The LM79 has an on-chip temperature sensor, 5 positive
analog inputs, two inverting inputs (for monitoring negative
voltages), and an 8-bit ADC. An input is provided for the
overtemperature outputs of additional temperature sensors
and this is linked to the interrupt system. The LM79 provides
inputs for three fan tachometer outputs. Additional inputs are
provided for Chassis Intrusion detection circuits, 5 VID moni-
tor inputs, and chainable interrupt. The LM79 provides both
ISA and Serial Bus interfaces. A 32-byte auto-increment
RAM is provided for POST (Power On Self Test) code stor-
age.
Compared to the LM78, the LM79 has the following differ-
ences:
an additional VID input pin
an additional register for device identification
open drain Power Switch Bypass Output
Features
n
Temperature sensing
n
5 positive voltage inputs
n
2 op amps for negative voltage monitoring
n
3 fan speed monitoring inputs
n
Input for additional temperature sensors
n
Chassis Intrusion Detector input
n
WATCHDOG comparison of all monitored values
n
POST code storage RAM
n
ISA and I
2CSerial Bus interfaces
Key Specifications
j Voltage monitoring
accuracy
±1% (max)
j Temperature Accuracy
−10˚C to +100˚C
±3˚C (max)
j Supply Voltage
5V
j Supply Current
Operating:
1 mA typ
Shutdown:
10 µA typ
j ADC Resolution
8 Bits
Applications
n
System Hardware Monitoring for Servers and PCs
n
Office Electronics
n
Electronic Test Equipment and Instrumentation
Ordering Information
Temperature Range
Package
−10˚C
≤ T
A ≤ +100˚C
Order Number
Device Marking
LM79CCVF
LM79CCVF
VGZ44A
# Indicates Active Low (“Not”)
Connection Diagram
I2C® is a registered trademark of the Phillips Corporation.
DS100036-2
February 2000
© 2001 National Semiconductor Corporation
DS100036
www.national.com


Similar Part No. - LM79

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM79 TI2-LM79 Datasheet
1Mb / 14P
LM79XX Series 3-Terminal Negative Regulators
REVISED MAY 2013
logo
List of Unclassifed Man...
LM7900 ETC-LM7900 Datasheet
547Kb / 7P
3- TERMINAL NEGATIVE OUTPUT VOLTAGE REGULATORS
logo
First Components Intern...
LM7900 FCI-LM7900 Datasheet
551Kb / 7P
3-Terminal Negative Output Voltage Regulators
logo
Seme LAB
LM7900-220M SEME-LAB-LM7900-220M Datasheet
27Kb / 2P
NEGATIVE VOLTAGE REGULATOR
LM7900-SMD SEME-LAB-LM7900-SMD Datasheet
27Kb / 2P
NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - LM79

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
LM80 NSC-LM80 Datasheet
435Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
Low Cost Microprocessor System Temperature Monitor
REV.0
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
Low Cost Microprocessor System Hardware Monitor
REV.0
logo
National Semiconductor ...
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com