Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM79 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM79
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM79 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM79 Datasheet HTML 2Page - National Semiconductor (TI) LM79 Datasheet HTML 3Page - National Semiconductor (TI) LM79 Datasheet HTML 4Page - National Semiconductor (TI) LM79 Datasheet HTML 5Page - National Semiconductor (TI) LM79 Datasheet HTML 6Page - National Semiconductor (TI) LM79 Datasheet HTML 7Page - National Semiconductor (TI) LM79 Datasheet HTML 8Page - National Semiconductor (TI) LM79 Datasheet HTML 9Page - National Semiconductor (TI) LM79 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
DC Electrical Characteristics (Continued)
The following specifications apply for +4.25 V
DC ≤VCC ≤ +5.75 VDC,fSYSCLK = 8.33 MHz, RS =25Ω, unless otherwise speci-
fied. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Note 7)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 8)
(Note 9)
(Limits)
FAN RPM-TO-DIGITAL CONVERTER
FAN1 and FAN2 Nominal Input
RPM (See
Section 6.0)
Divisor = 1, Fan Count = 153
(Note 12)
8800
RPM
Divisor = 2, Fan Count = 153
(Note 12)
4400
RPM
Divisor = 3, Fan Count = 153
(Note 12)
2200
RPM
Divisor = 4, Fan Count = 153
(Note 12)
1100
RPM
FAN3 Design Nominal Input RPM
Fan Count = 153 (Note 12)
4400
RPM
Internal Clock Frequency
+25˚C
≤ T
A ≤ +75˚C
22.5
20.2
kHz (min)
24.8
kHz (max)
−10˚C
≤ T
A ≤ +100˚C
22.5
19.1
kHz (min)
25.9
kHz (max)
DIGITAL OUTPUTS (VID4/NTEST, NMI/IRQ)
V
OUT(1)
Logical “1” Output Voltage
I
OUT = ±5.0 mA
2.4
V (min)
V
OUT(0)
Logical “0” Output Voltage
I
OUT = ±5.0 mA
0.4
V (max)
ISA D0–D7 DIGITAL OUTPUTS
V
OUT(1)
Logical “1” Output Voltage
I
OUT = ±12.0 mA
2.4
V (min)
V
OUT(0)
Logical “0” Output Voltage
I
OUT = ±12.0 mA
0.4
V (max)
I
OUT
TRI-STATE®Output Current
V
OUT =0 VDC
0.005
1
µA (max)
V
OUT =VCC
−0.005
−1
µA (min)
OPEN DRAIN DIGITAL OUTPUTS (Power Switch Bypass, SDA, RESET, SMI, Chassis Intrusion)
V
OUT(0)
Logical “0” Output Voltage
I
OUT = −5.0 mA
0.4
V (min)
I
OH
High Level Output Current
V
OUT =VCC
0.1
100
µA (max)
RESET and Chassis Intrusion
45
20
ms (min)
Pulse Width
DIGITAL INPUTS: SMI__IN, VID0–VID3, VID4/NTEST, BTI, CS, A0, A1, A2, Mode Control and Interface Inputs (IORD, IOWR,
SYSCLK), Data Lines (D0–D7), Chassis Intrusion, and Tach Pulse Logic Inputs (FAN1, FAN2, FAN3)
V
IN(1)
Logical “1” Input Voltage
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
0.8
V (max)
SERIAL BUS DIGITAL INPUTS (SCL, SDA)
V
IN(1)
Logical “1” Input Voltage
0.7xV
CC
V (min)
V
IN(0)
Logical “0” Input Voltage
0.3xV
CC
V (max)
ALL DIGITAL INPUTS EXCEPT FOR BTI
I
IN(1)
Logical “1” Input Current
V
IN =VCC
−0.005
−1
µA (min)
I
IN(0)
Logical “0” Input Current
V
IN =0 VDC
0.005
1
µA (max)
C
IN
Digital Input Capacitance
20
pF
BIT DIGITAL INPUT
I
IN(1)
Logical “1” Input Current
V
IN =VCC
1
10
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN =0 VDC
−500
−2000
µA (max)
C
IN
Digital Input Capacitance
20
pF
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com