Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM80 Datasheet HTML 1Page - National Semiconductor (TI) LM80 Datasheet HTML 2Page - National Semiconductor (TI) LM80 Datasheet HTML 3Page - National Semiconductor (TI) LM80 Datasheet HTML 4Page - National Semiconductor (TI) LM80 Datasheet HTML 5Page - National Semiconductor (TI) LM80 Datasheet HTML 6Page - National Semiconductor (TI) LM80 Datasheet HTML 7Page - National Semiconductor (TI) LM80 Datasheet HTML 8Page - National Semiconductor (TI) LM80 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Pin Descriptions (Continued)
Pin
Name(s)
Pin
Number
Number
of Pins
Type
Description
FAN1-FAN2
4-5
2
Digital Inputs
0 to V
+ fan tachometer inputs.
BTI
6
1
Digital Input
Board Temperature Interrupt driven by O.S. outputs of additional
temperature sensors such as LM75. Provides internal pull-up of
10 k
Ω.
CI (Chassis
Intrusion)
7
1
Digital I/O
An active high input from an external circuit which latches a Chassis
Intrusion event. This line can go high without any clamping action
regardless of the powered state of the LM80. The LM80 provides an
internal open drain on this line, controlled by Bit 5 of the
Configuration Register, to provide a minimum 10 ms reset of this
line.
GND
8
1
GROUND
Internally connected to all of the digital circuitry.
V
+ (+2.8V to
+5.75V)
9
1
POWER
+3.3V or +5V V
+ power. Bypass with the parallel combination of
10 µF (electrolytic or tantalum) and 0.1 µF (ceramic) bypass
capacitors.
INT
10
1
Digital Output
Non-Maskable Interrupt (open source)/Interrupt Request (open
drain). The mode is selected with Bit 5 of the Configuration Register
and the output is enabled when Bit 1 of the Configuration Register
is set to 1. The default state is disabled.
GPO (Power
Switch Bypass)
11
1
Digital Output
An active low open drain output intended to drive an external
P-channel power MOSFET for software power control.
NTEST_IN/
RESET_IN
12
1
Digital Input
An active-low input that enables NAND Tree board-level connectivity
testing. Refer to Section 10.0 on NAND Tree testing. Whenever
NAND Tree connectivity is enabled the LM80 is also reset to its
power on state.
RST_OUT/OS
13
1
Digital Output
Master Reset, 5 mA driver (open drain), active low output with a
10 ms minimum pulse width. Available when enabled via Bit 4 in
Configuration Register and Bit 7 of the Fan Divisor/RST_OUT/OS
Register. Bit 6 of the Fan Divisor/RST_OUT/OS Register enables
this output as an active low Overtemperature Shutdown (OS).
GNDA
14
1
GROUND
Internally connected to all analog circuitry. The ground reference for
all analog inputs. This pin needs to be taken to a low noise analog
ground plane for optimum performance.
IN6-IN0
15-21
7
Analog Inputs
0V to 2.56V full scale range Analog Inputs.
A0/NTEST_OUT
22
1
Digital I/O
The lowest order bit of the Serial Bus Address. This pin functions as
an output when doing a NAND Tree test.
A1-A2
23-24
2
Digital Inputs
The two highest order bits of the Serial Bus Address.
TOTAL PINS
24
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com