Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM80 Datasheet HTML 10Page - National Semiconductor (TI) LM80 Datasheet HTML 11Page - National Semiconductor (TI) LM80 Datasheet HTML 12Page - National Semiconductor (TI) LM80 Datasheet HTML 13Page - National Semiconductor (TI) LM80 Datasheet HTML 14Page - National Semiconductor (TI) LM80 Datasheet HTML 15Page - National Semiconductor (TI) LM80 Datasheet HTML 16Page - National Semiconductor (TI) LM80 Datasheet HTML 17Page - National Semiconductor (TI) LM80 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Functional Description (Continued)
6.0 FAN INPUTS
Inputs are provided for signals from fans equipped with ta-
chometer outputs. These are logic-level inputs with an ap-
proximate threshold of V
+/2. Signal conditioning in the LM80
accommodates the slow rise and fall times typical of fan ta-
chometer outputs. The maximum input signal range is 0 to
V
+. In the event these inputs are supplied from fan outputs
which exceed 0 to V+, either resistive division or diode
clamping must be included to keep inputs within an accept-
able range, as shown in
Figure 7. R2 is selected so that it
does not develop excessive error voltage due to input leak-
age. R1 is selected based on R2 to provide a minimum input
of 2V and a maximum of V
+. R1 should be as low as possible
to provide the maximum possible input up to V
+ for best
noise immunity. Alternatively, use a shunt reference or zener
diode to clamp the input level.
If fans can be powered while the power to the LM80 is off,
the LM80 inputs will provide diode clamping. Limit input cur-
rent to the Input Current at Any Pin specification shown in the
ABSOLUTE MAXIMUM RATINGS section. In most cases,
open collector outputs with pull-up resistors inherently limit
this current. If this maximum current could be exceeded, ei-
ther a larger pull up resistor should be used or resistors con-
nected in series with the fan inputs.
The Fan Inputs gate an internal 22.5 kHz oscillator for one
period of the Fan signal into an 8-bit counter (maximum
count = 255). The default divisor, located in the VID/Fan Di-
visor Register, is set to 2 (choices are 1, 2, 4, and 8) provid-
ing a nominal count of 153 for a 4400 rpm fan with two
pulses per revolution. Typical practice is to consider 70% of
normal RPM a fan failure, at which point the count will be
219.
Determine the fan count according to:
Note that Fan 1 and Fan 2 Divisors are programmable via
the Fan Divisor/RST_OUT/OS Register.
FAN1 and FAN2 inputs can also be programmed to be level
sensitive digital inputs.
Fans that provide only one pulse per revolution would re-
quire a divisor set twice as high as fans that provide two
pulses, thus maintaining a nominal fan count of 153. There-
fore the divisor should be set to 4 for a fan that provides 1
pulse per revolution with a nominal RPM of 4400.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com