Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM80 Datasheet HTML 1Page - National Semiconductor (TI) LM80 Datasheet HTML 2Page - National Semiconductor (TI) LM80 Datasheet HTML 3Page - National Semiconductor (TI) LM80 Datasheet HTML 4Page - National Semiconductor (TI) LM80 Datasheet HTML 5Page - National Semiconductor (TI) LM80 Datasheet HTML 6Page - National Semiconductor (TI) LM80 Datasheet HTML 7Page - National Semiconductor (TI) LM80 Datasheet HTML 8Page - National Semiconductor (TI) LM80 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltage (V
+)
6.5V
Voltage on Any Input or Output Pin
−0.3V to (V
++0.3V)
Ground Difference (GND - GNDA)
±300 mV
Input Current at any Pin (Note 3)
±5mA
Package Input Current (Note 3)
±20 mA
Maximum Junction Temperature
(T
J max)
150˚C
ESD Susceptibility(Note 5)
Human Body Model
2000V
Machine Model
125V
Soldering Information
MTC24B Package (Note 6) :
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings(Notes 1, 2)
Operating Temperature Range
T
MIN ≤ TA ≤ TMAX
LM80CIMT-3, LM80CIMT-5
−25˚C
≤ T
A ≤ +125˚C
Specified Temperature Range
T
MIN ≤ TA ≤ TMAX
LM80CIMT-3, LM80CIMT-5
−25˚C
≤ T
A ≤ +125˚C
Junction to Ambient Thermal Resistance (
θ
JA(Note 4) )
NS Package Number: MTC24B
95˚C/W
Supply Voltage (V
+)
+2.8V to +5.75V
Ground Difference
(|GND − GNDA|)
≤ 100 mV
V
IN Voltage Range:
−0.05V to V
+ + 0.05V
DC Electrical Characteristics
The following specifications apply for +2.8 V
DC ≤V
+
≤ +3.8 V
DC for LM80CIMT-3, +4.25 VDC ≤V
+
≤ +5.75 V
DC for LM80CIMT-5,
IN0-IN6 R
S = 25Ω, unless otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ =
25˚C.(Note 7)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 8)
(Note 9)
(Limits)
POWER SUPPLY CHARACTERISTICS
I
+
Supply Current
Interface Inactive and
V
+= 5.75V
0.2
2.0
mA (max)
Interface Inactive and
V
+= 3.8V
0.18
1.5
mA (max)
Shutdown Mode
15
µA
TEMPERATURE-to-DIGITAL CONVERTER CHARACTERISTICS
Temperature Error
−25˚C
≤ T
A ≤ +125˚C
±3
˚C (max)
Resolution
0.5
˚C (min)
ANALOG-to-DIGITAL CONVERTER CHARACTERISTICS
Resolution (8 bits with full-scale at 2.56V)
10
mV
TUE
Total Unadjusted Error
(Note 10)
±1
% (max)
DNL
Differential Non-Linearity
±1
LSB
(max)
PSS
Power Supply Sensitivity
±1
%/V
t
C
Total Monitoring Cycle Time
(Note 11)
9-bit Temp resolution
12-bit Temp resolution
1.0
1.5
2
sec (max)
sec (max)
MULTIPLEXER/ADC INPUT CHARACTERISTICS
On Resistance
0.5
10
k
Ω (max)
Input Current (On Channel Leakage Current)
±1µA
Off Channel Leakage Current
±1µA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com