Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM80 Datasheet HTML 15Page - National Semiconductor (TI) LM80 Datasheet HTML 16Page - National Semiconductor (TI) LM80 Datasheet HTML 17Page - National Semiconductor (TI) LM80 Datasheet HTML 18Page - National Semiconductor (TI) LM80 Datasheet HTML 19Page - National Semiconductor (TI) LM80 Datasheet HTML 20Page - National Semiconductor (TI) LM80 Datasheet HTML 21Page - National Semiconductor (TI) LM80 Datasheet HTML 22Page - National Semiconductor (TI) LM80 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Functional Description (Continued)
8.0 THE LM80 INTERRUPT STRUCTURE
Figure 10 depicts the Interrupt Structure of the LM80. The
LM80 can generate Interrupts as a result of each of its inter-
nal WATCHDOG registers on the analog, temperature, and
fan inputs.
8.1 INTERRUPT INPUTS
External Interrupts can come from the following sources.
While the label suggests a specific type or source of Inter-
rupt, this label is not a restriction of its usage, and it could
come from any desired source:
•
BTI -
This is an active low Interrupt intended to come
from the O.S. output of LM75 temperature sensors. The
LM75 O.S. output goes active when its temperature ex-
ceeds a programmed threshold. Up to 8 LM75’s can be
connected to a single Serial Bus bus with their O.S. out-
put’s wire or’d to the BTI input of the LM80. If the tem-
perature of any LM75 exceeds its programmed limit, it
drives BTI low. This generates an Interrupt to notify the
host of a possible overtemperature condition. Provides
an internal pull-up of 10 k
Ω.
•
CI (Chassis Intrusion) -
This is an active high interrupt
from any type of device that detects and captures chassis
intrusion violations. This could be accomplished me-
chanically, optically, or electrically, and circuitry external
to the LM80 is expected to latch the event. The design of
the LM80 allows this input to go high even with no power
applied to the LM80, and no clamping or other interfer-
ence with the line will occur. This line can also be pulled
low for at least 10 ms by the LM80 to reset a typical
Chassis Intrusion circuit. Accomplish this reset by setting
Bit 5 of Configuration Register high. The bit in the Regis-
ter is self-clearing.
DS100040-18
FIGURE 10. Interrupt Structure
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com