Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM80 Datasheet HTML 21Page - National Semiconductor (TI) LM80 Datasheet HTML 22Page - National Semiconductor (TI) LM80 Datasheet HTML 23Page - National Semiconductor (TI) LM80 Datasheet HTML 24Page - National Semiconductor (TI) LM80 Datasheet HTML 25Page - National Semiconductor (TI) LM80 Datasheet HTML 26Page - National Semiconductor (TI) LM80 Datasheet HTML 27Page - National Semiconductor (TI) LM80 Datasheet HTML 28Page - National Semiconductor (TI) LM80 Datasheet HTML 29Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Functional Description (Continued)
12.7 Interrupt Mask Register 2 — Address 44h
Power on default <7:0> = 0000 0000 binary
Bit
Name
Read/
Write
Description
0
Hot Temperature
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
1
BTI
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
2
FAN1
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
3
FAN2
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
4
CI (Chassis
Intrusion)
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
5
OS bit
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
6
Hot Temperature
Interrupt mode
select
Read/Write
A zero selects the default interrupt mode which gives the user an interrupt if the tem-
perature goes above the hot limit. The interrupt will be cleared once the status register
is read, but it will again be generated when the next conversion has completed. It will
continue to do so until the temperature goes below the hysteresis limit.
A one selects the one time interrupt mode which only gives the user one interrupt when
it goes above the hot limit. The interrupt will be cleared once the status register is read.
Another interrupt will not be generated until the temperature goes below the hysteresis
limit. It will also be cleared if the status register is read. No more interrupts will be gen-
erated until the temperature goes above the hot limit again. The corresponding bit will
be cleared in the status register every time it is read but may not set again when the
next conversion is done. (See in Section 7.0)
7
OS bit Interrupt
mode select
Read/Write
A zero selects the default interrupt mode which gives the user an interrupt if the tem-
perature goes above the hot limit. The interrupt will be cleared once the status register
is read, but it will again be generated when the next conversion has completed. It will
continue to do so until the temperature goes below the hysteresis limit.
A one selects the one time interrupt mode which only gives the user one interrupt when
it goes above the hot limit. The interrupt will be cleared once the status register is read.
Another interrupt will not be generated until the temperature goes below the hysteresis
limit. It will also be cleared if the status register is read. No more interrupts will be gen-
erated until the temperature goes above the hot limit again. The corresponding bit will
be cleared in the status register every time it is read but may not set again when the
next conversion is done. (See Section in Section 7.0)
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com