Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM80 Datasheet HTML 9Page - National Semiconductor (TI) LM80 Datasheet HTML 10Page - National Semiconductor (TI) LM80 Datasheet HTML 11Page - National Semiconductor (TI) LM80 Datasheet HTML 12Page - National Semiconductor (TI) LM80 Datasheet HTML 13Page - National Semiconductor (TI) LM80 Datasheet HTML 14Page - National Semiconductor (TI) LM80 Datasheet HTML 15Page - National Semiconductor (TI) LM80 Datasheet HTML 16Page - National Semiconductor (TI) LM80 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Functional Description (Continued)
A typical application, such as is shown in
Figure 6, might se-
lect the input voltage divider to provide 1.9V at the analog in-
puts of the LM80. This is sufficiently high for good resolution
of the voltage, yet leaves headroom for upward excursions
from the supply of about 25%. To simplify the process of re-
sistor selection, set the value of R2 first. Select a value for
R2 or R4 between 10 k
Ω and 100 kΩ This is low enough to
avoid errors due to input leakage currents yet high enough to
both protect the inputs under overdrive conditions as well as
minimize loading of the source. Then select R1 or R3 to pro-
vide a 1.9V input as show in
Figure 6.
For positive input voltages the equation for calculating R1 is
as follows:
R1 = [(V
S −VIN)/VIN]R2
For negative input voltages the equation for Calculating R3
is as follows:
R3=[(V
S −VIN)/(VIN − 5V)] R4
The analog inputs have internal diodes that clamp inputs ex-
ceeding the power supply and ground. Exceeding any ana-
log input has no detrimental effect on other channels. The in-
put diodes will also clamp voltages appearing at the inputs of
an un-powered LM80. External resistors should be included
to limit input currents to the values given in the ABSOLUTE
MAXIMUM RATINGS for Input Current At Any Pin. Inputs
with the attenuator networks will usually meet these require-
ments. If it is possible for inputs without attenuators to be
turned on while LM80 is powered off, additional resistors of
about 10 k
Ω should be added in series with the inputs to limit
the input current.
Voltage
Measure-
ments
(V
S)
R1 or
R3
R2 or
R4
Voltage
at
Analog Inputs
( ADC code 190)
+2.5V
23.7 k
Ω
75 k
Ω
+1.9V
+3.3V
22.1 k
Ω
30 k
Ω
+1.9V
+5.0V
24 k
Ω
14.7 k
Ω
+1.9V
+12V
160 k
Ω
30.1 k
Ω
+1.9V
−12V
160 k
Ω
35.7 k
Ω
+1.9V
−5V
36 k
Ω
16.2 k
Ω
+1.9V
5.0 LAYOUT AND GROUNDING
Analog inputs will provide best accuracy when referred to the
AGND pin or a supply with low noise. A separate,
low-impedance ground plane for analog ground, which pro-
vides a ground point for the voltage dividers and analog
components, will provide best performance but is not man-
datory. Analog components such as voltage dividers should
be located physically as close as possible to the LM80.
The power supply bypass, the parallel combination of 10 µF
(electrolytic or tantalum) and 0.1 µF (ceramic) bypass ca-
pacitors connected between pin 9 and ground, should also
be located as close as possible to the LM80.
DS100040-11
FIGURE 6. Input Examples. Resistor values shown in
table provide approximately 1.9V at the analog inputs.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com