Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM80 Datasheet HTML 13Page - National Semiconductor (TI) LM80 Datasheet HTML 14Page - National Semiconductor (TI) LM80 Datasheet HTML 15Page - National Semiconductor (TI) LM80 Datasheet HTML 16Page - National Semiconductor (TI) LM80 Datasheet HTML 17Page - National Semiconductor (TI) LM80 Datasheet HTML 18Page - National Semiconductor (TI) LM80 Datasheet HTML 19Page - National Semiconductor (TI) LM80 Datasheet HTML 20Page - National Semiconductor (TI) LM80 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Functional Description (Continued)
By default Temperature Register data is represented by a
9-bit two’s complement digital word with the LSB having a
resolution of 0.5˚C:
Temperature
Digital Output
Binary
Hex
+125˚C
0 1111 1010
0 FAh
+25˚C
0 0011 0010
0 32h
+1.5˚C
0 0000 0011
0 03h
+0˚C
0 0000 0000
0 00h
−0.5˚C
1 1111 1111
1 FFh
−25˚C
1 1100 1110
1 CEh
−55˚C
1 1001 0010
1 92h
Temperature Register data can also be represented by a
12-bit two’s complement digital word with a LSB of 0.0625˚C:
Temperature
Digital Output
Binary
Hex
+125˚C
0111 1100 0000
7 D0h
+25˚C
0001 1001 0000
1 90h
+1.0˚C
0000 0001 0000
0 10h
+0.0625˚C
0000 0000 0001
0 01h
0˚C
0000 0000 0000
00h
−0.0625˚C
1111 1111 1111
F FFh
−1.0˚C
1111 1111 0000
F F0h
−25˚C
1110 0111 0000
E 70h
−55˚C
1100 1001 0000
C 90h
The 8 MSBs of the Temperature reading can be found at
Value RAM address 28 h. The remainder of the Temperature
reading can be found in the OS Configuration/Temperature
Resolution Register bits 7-4. In 9-bit format bit 7 is the only
valid bit.
7.2 Temperature Interrupts
There are four Value RAM WATCHDOG limits for the Tem-
perature reading that affect the INT and OS outputs of the
LM80. They are: Hot Temperature Limit, Hot Temperature
Hysteresis Limit, OS Limit, OS Hysteresis Limit. There are
three interrupt modes of operation: “One-Time Interrupt”
mode, “Default Interrupt” mode, and “Comparator Mode”.
The OS output of the LM80 can be programmed for
“One-Time Interrupt” mode and “Comparator” mode. INT can
be programmed for “Default Interrupt” mode and “One-Time”
Interrupt.
“Default Interrupt mode” operates in the following way: Ex-
ceeding T
hot causes an Interrupt that will remain active in-
definitely until reset by reading Interrupt Status Register 1 or
cleared by the INT_Clear bit in the Configuration register.
Once an Interrupt event has occurred by crossing T
hot, then
reset, an Interrupt will occur again once the next temperature
conversion has completed. The interrupts will continue to oc-
cur in this manner until the temperature goes below T
hot hyst,
at which time the Interrupt output will automatically clear.
“One-Time Interrupt” mode operates in the following way:
Exceeding T
hot causes an Interrupt that will remain active in-
definitely until reset by reading Interrupt Status Register 1 or
cleared by the INT_Clear bit in the Configuration register.
Once an Interrupt event has occurred by crossing T
hot, then
reset, an Interrupt will not occur again until the temperature
goes below T
hot hyst.
“Comparator” mode operates in the following way: Ex-
ceeding T
os causes the OS output to go Low (default). OS
will remain Low until the temperature goes below T
os. Once
the temperature goes below T
os, OS
will go High.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com