Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GAG2-R Datasheet(PDF) 23 Page - Integrated Device Technology

Part # ZSC31150GAG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31150GAG2-R Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button ZSC31150GAG2-R Datasheet HTML 18Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 19Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 20Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 21Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 22Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 23Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 24Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 25Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 26Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
23
December 6, 2016
For this purpose, IDT has a considerable library of sensor-dedicated circuitry blocks. As a result, IDT can provide a custom solution quickly.
Please contact IDT for further information.
8. Ordering Information
Product Sales Code
Description
Package
ZSC31150GEB
ZSC31150 Die — Temperature range: -40°C to +150°C
Unsawn on Wafer
ZSC31150GEC
ZSC31150 Die — Temperature range: -40°C to +150°C
Sawn on Wafer Frame
ZSC31150GED
ZSC31150 Die — Temperature range: -40°C to +150°C
Waffle Pack
ZSC31150GEG2-R
ZSC31150 14-DFN (5
 4 mm with wettable flank—Temperature
range: -40°C to 150°C
Tape & Reel
ZSC31150GAG2-R
ZSC31150 14-DFN (5
 4 mm with wettable flank —Temperature
range: -40°C to 125°C
Tape & Reel
ZSC31150GAB
ZSC31150 Die — Temperature range: -40°C to +125°C
Unsawn on Wafer
ZSC31150GAC
ZSC31150 Die — Temperature range: -40°C to +125°C
Sawn on Wafer Frame
ZSC31150GEG1
ZSC31150 SSOP14—Temperature range: -40°C to +150°C
Tube: add “-T” to sales code
Tape & Reel: add “-R”
ZSC31150GLG1
ZSC31150 SSOP14—Temperature range: -40°C to +150°C
(Long life: 5000h @150°C)
Tube: add “-T” to sales code
Tape & Reel: add “-R”
ZSC31150GAG1
ZSC31150 SSOP14—Temperature range: -40°C to +125°C
Tube: add “-T” to sales code
Tape & Reel: add “-R”
ZSC31150KITV1P2
ZSC31150 SSC Evaluation Kit V1.2: three interconnecting boards, five ZSC31150 SSOP14 samples, USB
cable (software can be downloaded from product page at www.IDT.com/ZSC31150)
ZSC31150MCSV1P1
Modular Mass Calibration System (MSC) V1.1 for ZSC31150: MCS boards, cable, connectors
(software can be downloaded from product page at www.IDT.com/ZSC31150)
9. Related Documents and Tools
Visit the ZSC31150 product page www.IDT.com/ZSC31150 on the IDT website at www.IDT.com or contact your nearest sales office for the
latest version of this document and related documents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com