Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GAG2-R Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ZSC31150GAG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31150GAG2-R Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ZSC31150GAG2-R Datasheet HTML 11Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 12Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 13Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 14Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 15Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 16Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 17Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 18Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
15
December 6, 2016
2.4 Temperature Measurement
The ZSC31150 supports four different methods for acquiring the temperature data needed for calibration of the sensor signal in the specified
temperature range.
Temperature data can be acquired using one of these temperature sensors:
an internal pn-junction temperature sensor
an external pn-junction temperature sensor connected to sensor top potential (VBRTOP)
an external resistive half bridge temperature sensor
the temperature coefficient of the sensor bridge at bridge current excitation
Refer to the ZSC31150 Functional Description for a detailed explanation of temperature sensor adaptation and adjustment.
2.5 System Control and Conditioning Calculation
The system control supports the following tasks/features:
Controlling the measurement cycle according to the EEPROM-stored configuration data
Performing the16-bit correction calculation for each measurement signal using the EEPROM-stored calibration coefficients and ROM-
based algorithms; i.e., the signal conditioning
Managing the start-up sequence and starting signal conditioning
Handling communication requests received by the digital interface
Managing failsafe tasks for the functions of the ZSC31150 and indicating detected errors with diagnostic states
Refer to the ZSC31150 Functional Description for a detailed description.
2.5.1 Operation Modes
The internal state machine has three main states:
The continuously running signal conditioning mode, which is called Normal Operation Mode (NOM)
The calibration mode with access to all internal registers and states, which is called Command Mode (CM)
The failure messaging mode, which is called Diagnostic Mode (DM)
2.5.2 Start Up Phase
The start-up phase* consists of following segments:
1. Internal supply voltage settling phase (i.e., the VDDA - VSSA potential), which is ended when the reset signal is disabled through
the power-on clear block (POR). Refer to the ZSC31150 Technical Note – High Voltage Protection document, section 4 for power
on/off thresholds.
Time (from beginning with VDDA-VSSA=0V): 500µs to 2000µs; AOUT is in tri-state
2. System start, EEPROM read out, and signature check (and ROM check if selected by setting EEPROM bit CFGAPP:CHKROM=1).
Time: ~200µs (~9000µs with ROM-check; i.e., 28180 clocks); AOUT is LOW (DM)
3. Processing the start routine for signal conditioning (all measurements and conditioning calculations).
Time: 5 x A/D conversion time; AOUT behavior depends on selected OWI mode (refer to section 2.6):
OWIANA & OWIDIS => AOUT is LOW (DM)
OWIWIN & OWIENA => AOUT is in tri-state
* All timings described are roughly estimated values and are affected by the internal clock frequency. Timings are estimated for fCLK=3MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com