Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GAG2-R Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ZSC31150GAG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31150GAG2-R Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ZSC31150GAG2-R Datasheet HTML 2Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 3Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 4Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 5Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 6Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 7Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 8Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 9Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
6
December 6, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.2.7
Maximum bridge top voltage
VBR_TOP
(15/16 * VDDA) - 0.3
V
1.2.8
TC current reference resistor[b]
TC RIBR
Behavior influences current
generated
50
ppm/K
[a] Refer to the temperature profile description in the ZSC31150 Technical Note – Die and Package Specifications for operation in temperature
range > 125°C.
[b] No measurement in mass production; parameter is guaranteed by design and/or quality observation.
[c] Symmetric behavior and identical electrical properties (especially with regard to the low pass characteristic) of both sensor inputs of the
ZSC31150 are required. Unsymmetrical conditions of the sensor and/or external components connected to the sensor input pins of ZSC31150
can generate a failure in signal operation.
[d] See application circuit components in Table 3.1.
1.3 Electrical Parameters
All parameter values are valid for operating conditions specified in section 1.2 except as noted. All voltages related to VSSA. See important
table notes at the end of the table.
Table 1.3 Electrical Parameters
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.1
Supply Current and System Operation Conditions
1.3.1.1
Supply current
IS
Without bridge and load
current; TAMB_TQA;
fCLK  3MHz
5.5
mA
1.3.1.2
Clock frequency [a]
fOSC
Guaranteed adjustment range
(see the ZSC31150 Functional
Description for details);
TAMB_TQA
2
3
4
MHz
1.3.2
Analog Front-End (AFE) Characteristics
1.3.2.1
Input span
VIN_SP
Analog gain: 420 to 2.8
1
275
mV/V
1.3.2.2
Analog offset compensation
range
Depends on gain adjust; refer
to section 2.3.1
-300
300
% VIN_SP
1.3.2.3
Parasitic differential input offset
current [a]
IIN_OFF
Within TAMB_TQE
-10
10
nA
Within TAMB_TQI
-2
2
nA
1.3.2.4
Common mode input range
VIN_CM
Depends on gain adjustment;
no XZC; see section 2.3.1
0.29 *
VDDA
0.65 *
VDDA
V
1.3.3
Temperature Measurement [b]
1.3.3.1
External temperature diode
channel gain
a
TSED
300
1300
ppm FS
/ (mV/V)
1.3.3.2
External temperature diode bias
current
ITSE
6
10
20
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com