Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GAG2-R Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ZSC31150GAG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31150GAG2-R Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ZSC31150GAG2-R Datasheet HTML 5Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 6Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 7Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 8Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 9Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 10Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 11Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 12Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
9
December 6, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.4.1.5
SCL clock frequency [b]
fSCL
400
kHz
1.4.1.6
Internal pull-up resistor [b]
RI2C
25
100
k
1.4.2
ZACwire™ One Wire Interface (OWI)
1.4.2.1
Input-low level [b]
VOWI_IN_L
0.2
VDDA
1.4.2.2
Input-high level [b]
VOWI_IN_H
0.75
VDDA
1.4.2.3
Pull-up resistance master
ROWI_PUP
0.3
3.3
k
1.4.2.4
OWI load capacitance
COWI_LOAD
Summarized OWI line load
50
nF
1.4.2.5
Start window [b]
Typ: @ fCLK=3MHz
96
175
455
ms
1.4.3
EEPROM
1.4.3.1
Ambient temperature
EEPROM programming [b]
TAMB_EEP
-40
150
C
1.4.3.2
Write cycles [b]
nWRI_EEP
Write temperature: <=85°C
100k
Write temperature:
up to 150°C
100
1.4.3.3
Read cycles [b], [c]
nREAD_EEP
Read temperature:
<=175°C
8 * 108
1.4.3.4
Data retention [b], [d]
tRET_EEP
1300h at 175°C =100000h
at 55°C; 27000h at 125°C;
3000h at 150°C)
15
years
1.4.3.5
Programming time [b]
tWRI_EEP
Per written word,
fCLK=3MHz
12
ms
[a]
Refer to the ZSC31150 Functional Description for timing details.
[b]
No measurement in mass production; parameter is guaranteed by design and/or quality observation.
[c]
Note that the package and temperature versions cause additional restrictions.
[d]
Over lifetime; use calculation sheet SSC Temperature Profile Calculation Spreadsheet for temperature stress calculation; note additional restrictions are caused by
different package and temperature versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com