Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GAG2-R Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ZSC31150GAG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31150GAG2-R Datasheet(HTML) 5 Page - Integrated Device Technology

  ZSC31150GAG2-R Datasheet HTML 1Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 2Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 3Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 4Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 5Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 6Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 7Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 8Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
5
December 6, 2016
1.
Electrical Characteristics
1.1 Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. The ZSC31150 might not function or be operable above the recommended operating
conditions. Stresses exceeding the absolute maximum ratings might also damage the device. In addition, extended exposure to stresses
above the recommended operating conditions might affect device reliability. IDT does not recommend designing to the “Absolute Maximum
Ratings.”
Parameters apply in operation temperature range and without time limitations.
Table 1.1 Absolute Maximum Ratings
No.
Parameter
Symbol
Conditions
Min
Max
Unit
1.1.1
Supply voltage [a]
VDDE
To VSSE.
-33
33
VDC
1.1.2
Potential at the AOUT pin [a]
VOUT
Relative to VSSE.
-33
33
VDC
1.1.3
Analog supply voltage [a]
VDDA
Relative to VSSA.
VDDE - VDDA < 0.35V
-0.3
6.5
VDC
1.1.4
Voltage at all analog and
digital IO pins
VA_IO
VD_IO
Relative to VSSA.
-0.3
VDDA + 0.3
VDC
1.1.5
Storage temperature
TSTG
-55
150
C
[a] Refer to the ZSC31150 Technical Note – High Voltage Protection for specification and detailed conditions for high voltage protection.
1.2 Operating Conditions
All voltages are related to VSSA. See important table notes at the end of the table.
Table 1.2 Operating Conditions
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.2.1
TQE ambient temperature range
for part numbers ZSC31150xExx[a]
TAMB_TQE
TQE
-40
150
C
TQA ambient temperature range
for part numbers
ZSC31150xAxx[b]
TAMB_TQA
TQA
-40
125
C
TQI ambient temperature range
for advanced performance[b]
TAMB_TQI
TQI
-25
85
C
1.2.2
Supply voltage
VDDE
4.5
5.0
5.5
VDC
1.2.3
Bridge resistance—Bridge Voltage
Mode[b], [c]
RBR_V
2
25
k
1.2.4
Bridge resistance—Bridge Current
Excitation Mode[b], [c]
RBR_C
See specification 1.2.6 for
IBR_MAX
10
k
1.2.5
Current reference resistor[b],[d]
RIBR
IBR = VDDA / (16 * RIBR)
0.07 * RBR
k
1.2.6
Maximum bridge current
IBR_MAX
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com