Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GAG2-R Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ZSC31150GAG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31150GAG2-R Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ZSC31150GAG2-R Datasheet HTML 10Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 11Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 12Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 13Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 14Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 15Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 16Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 17Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
14
December 6, 2016
The result of the AD conversion is a relative counter result corresponding to the following equation (see the ZSC31150 Functional Description
for more detailed equations):
ADC
ADC_REF
ADC_DIFF
r
ADC
RS
V
V
2
Z
ADC
ZADC
Number of counts (result of the conversion)
rADC
Selected ADC resolution in bits
VADC_DIFF Differential input voltage of the ADC
VADC_REF Reference voltage of the ADC
RSADC Digital ADC range shift (RSADC = 1/16, 1/8, 1/4, 1/2, controlled by the
EEPROM setting)
The sensor input signal can be shifted to the optimal input range of the ADC with the RSADC value.
Table 2.3 Analog Output Resolution versus Sample Rate
ADC
Adjustment
Approximated Output
Resolution [a]
Sample Rate
fCON [b]
Averaged
Bandwidth at fCLK
ADC Order
rADC
Digital
Analog
fCLK=3MHz
fCLK=4MHz
fCLK=3MHz
fCLK=4MHz
[Bit]
[Bit]
[Bit]
[Hz]
[Hz]
[Hz]
[Hz]
1
13
13
12
345
460
130
172
14
14
12
178
237
67
89
15
14
12
90
120
34
45
16
14
12
45
61
17
23
2
13
13
12
5859
7813
2203
2937
14
14
12
3906
5208
1469
1958
15
14
12
2930
3906
1101
1468
16
14
12
1953
2604
734
979
[a] The ADC resolution should be one bit higher than the required output resolution if the AFE gain is adjusted so that more than 50% of the input
range is used. Otherwise the ADC resolution should be more than one bit higher than the required output resolution.
[b] The sampling rate (A/D conversion time) is only a part of the whole cycle; refer to the ZSC31150 Bandwidth Calculation Spreadsheet for
detailed information.
Note:
The ADC’s reference voltage ADCVREF is defined by the potential between <VBR_T> and <VBR_B> (or <VDDA> to <VSSA>, if
selected in EEPROM by the bit CFGAPP:BREF=1). Theoretically, the input range ADCRANGE_INP of the ADC is equivalent to the ADC’s
reference voltage.
In practice, the maximum ADC input range used should be from 10% to 90% of ADCRANGE_INP, which is a necessary condition for ensuring the
specified accuracy, stability, and nonlinearity parameters of the AFE. This condition is also valid for whole temperature range and all
applicable sensor tolerances. The ZSC31150 does not have an internal failsafe function that verifies that the input meets this condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com