Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GAG2-R Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ZSC31150GAG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31150GAG2-R Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ZSC31150GAG2-R Datasheet HTML 4Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 5Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 6Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 7Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 8Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 9Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 10Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 11Page - Integrated Device Technology ZSC31150GAG2-R Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
8
December 6, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.6.10
INL TQE (DAC)
INLOUT
Best fit, rDAC =12-bit
-8
8
LSB
1.3.6.11
Output leak current @150°C
ILEAK_OUT
power or ground loss
-25
25
µA
1.3.7
System Response
1.3.7.1
Startup time [d]
tSTA
To 1st output; fCLK=3MHz;
no ROM check; ADC 14-bit
and 2nd order
5
ms
1.3.7.2
Response time (100% jump)[a]
tRESP
fCLK=4MHz; 13-bit, 2nd order;
refer to Table 2.3
256
512
µs
1.3.7.3
Bandwidth [a]
Comparable to analog SSCs
5
kHz
1.3.7.4
Analog output noise
peak-to-peak [a]
VNOISE,PP
Shorted inputs;
bandwidth
 10kHz
10
mV
1.3.7.5
Analog output noise RMS [a]
VNOISE,RMS
Shorted inputs;
bandwidth
 10kHz
3
mV
1.3.7.6
Ratiometricity error
REOUT_5
Maximum error of
VDDE=5V to 4.5/5.5V
1000
ppm
1.3.7.7
Overall failure (deviation from
ideal line including the INL,
gain, offset and temperature
errors) [e]
FALL TQI
13-bit, 2nd order ADC;
fCLK  3MHz; XZC=0
No sensor caused effects;
value in parentheses is the
digital readout.
0.25
(0.1)
% FS
FALL TQA
0.5
(0.25)
% FS
FALL TQE
1.0
(0.5)
% FS
[a] No measurement in mass production; parameter is guaranteed by design and/or quality observation.
[b] Refer to section 2.4.
[c] Minimum output voltage to VDDE or maximum output voltage to VSSE.
[d] Depends on resolution and configuration - start routine begins approximately 0.8ms after power on.
[e] XZC is active: additional overall failure of 25ppm/K for XZC=31 at maximum; failure decreases linearly for XZC adjustments lower than 31.
1.4 Interface Characteristics and EEPROM
Table 1.4 Interface and EEPROM Characteristics
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.4.1
I2C Interface [a]
1.4.1.1
Input-high level [b]
VI2C_IN_H
0.8
VDDA
1.4.1.2
Input-low level [b],
VI2C_IN_L
0.2
VDDA
1.4.1.3
Output-low level [b]
VI2C_OUT_L
Open Drain, IOL<2mA
0.15
VDDA
1.4.1.4
SDA load capacitance [b]
CSDA
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com