Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5201000000 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 18Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 19Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 20Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 21Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 22Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 23Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 24Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 25Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 164 page
background image
www.Rose-Bopla.com
20
• Light-weight thermoplastic enclosure for industrial applications
• ECO version: base with smooth side walls, lid version
standard or transparent
• PCI version: base with knock-outs for cable connections
ECO/PCI Compact Enclosures
Included in delivery
Enclosure consisting of lid, base, seal, captive lid screws,
and screws for fastening including spacer inserts.
Technical Data
Material
Ingress Protection
Impact Resistance
Insulation
Temperature Range
Flammability
Toxicity
Weather Resistance
Chemical Resistance
Color
Flame-resistant Polystyrene
IP 65 to EN 60529
2 Nm, EN 60068-2-75
Fully insulated to VDE 0100
+14°F to + 158°F
UL 94 HB
Low-halogen
Do not expose to direct sunlight
Not resistant to benzine, diesel, oils, and fats as well as strong acids.
Gray, similar to RAL 7035. Special colors on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com