Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5201000000 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 28Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 29Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 30Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 31Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 32Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 33Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 34Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 35Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 164 page
background image
www.Rose-Bopla.com
30
Accessories
L x W x H
L x W x H
65 x 50 x 30
65 x 50 x 31
65 x 50 x 30
65 x 50 x 45
100 x 50 x 25
100 x 50 x 26
100 x 50 x 26
100 x 50 x 40
100 x 50 x 41
100 x 50 x 41
120 x 65 x 40
120 x 65 x 40
120 x 65 x 41
120 x 65 x 41
2.56 x 1.97 x 1.18
2.56 x 1.97 x 1.22
2.56 x 1.97 x 1.18
2.56 x 1.97 x 1.77
3.94 x 1.97 x 0.98
3.94 x 1.97 x 1.02
3.94 x 1.97 x1.02
3.94 x 1.97 x 1.57
3.94 x 1.97 x 1.61
3.94 x 1.97 x 1.61
4.72 x 2.56 x 1.57
4.72 x 2.56 x 1.57
4.72 x 2.56 x 1.61
4.72 x 2.56 x 1.61
Part Number
Description
SMP 1230 G
TF 1230
MP430E
DO430E
DO435E
HS440E
MP440E
DO440E
DO445E
HS450E
MP450E
DO450E
DO460E
DO470E
Mounting boss screws. Self-tapping
Rubber table feet (set of 4)
Mounting plate for E430, E435
Lid access screws for E430 (set of 4)
Lid access screws for E435 (set of 4)
Carry handle for E440
Mounting plate for E440, E445
Lid access screws for E440 (set of 4)
Lid access screws for E445E
Carry handle for E450
Mounting plate for E450, 460, 470
Lid access screws for E450 (set of 4)
Lid access screws for E460 (set of 4)
Lid access screws for E470 (set of 4)
• Components can be mounted quickly and easily through side-opening of the base.
• Easy access to electronic components for servicing
• Enclosure with air vents E...L available to ensure optimal heat dissipation
Element
Included in delivery
Lid and base, 4 mounting screws, (E 434 S without
screws-with molded-on snap lock). E 430 A: includes
aluminum panel in lid.
Technical Data
Color
Material
Ingress Protection
Flammability
Surface Resistance
Upper section, light gray, similar to RAL 7035. Lower section, graphite gray, similar to RAL 7024
Polystyrene
IP 40, DIN EN 60529 Dustight. With air vents: IP 30 DIN EN 60529
UL 94 HB/1.47
>1013 Ohm to DIN 53482
E 434 S
E 435
E 440
E 440 F
E 440 FVL
E 440 VL
E 445
E 450
E 450 F
E 450 FVL
E 450 VL
E 460
E 470
05434000 00
05435000 00
05440002 00
05440700 00
05440800 00
05440200 00
05445000 00
05450002 00
05450700 00
05450800 00
05450200 00
05460000 00
05470000 00
Dimensions
Inches
Model
Number
Part
Number
Model
Number
Part
Number
Dimensions
mm
L x W x H
L x W x H
7.40 x 4.33 x 1.57
4.72 x 2.56 x 2.56
5.90 x 3.15 x 2.16
5.90 x 3.15 x 2.20
5.90 x 3.15 x 2.20
5.90 x 3.15 x 2.16
7.40 x 4.33 x 3.15
7.40 x 4.33 x 2.75
7.40 x 4.33 x 2.79
7.40 x 4.33 x 2.75
7.40 x 4.33 x 2.75
7.40 x 4.33 x 3.94
7.40 x 4.33 x 4.72
188 x 110 x 40
120 x 65 x 65
150 x 80 x 55
150 x 80 x 56
150 x 80 x 56
150 x 80 x 55
150 x 80 x 80
188 x 110 x 70
188 x 110 x 71
188 x 110 x 71
188 x 110 x 70
188 x 110 x 100
188 x 100 x 120
E 406
E 406 F
E 406 VL
E 408
E 410
E 410 F
E 410 FVL
E 420
E 420 F
E 420 FVL
E 430
E 430 A
E 430 F
E 430 FVL
05406000 00
05406700 00
05406900 00
05408000 00
05410002 00
05410700 00
05410800 00
05420002 00
05420700 00
05420800 00
05430002 00
05430500 00
05430700 00
05430800 00
Dimensions
mm
Dimensions
Inches
F = Recessed for membrane keypad
VL = Ventilation slots
FVL = With membrane area for membrane keypads or front membranes and with vertically molded-in air vents
A = Recessed aluminum top plate
S = Snap fitting lid
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com