Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5201000000 Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 85Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 86Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 87Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 88Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 89Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 90Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 91Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 92Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
87
Accessories
Description
lbs
kg
27030300 00
27030301 00
27030317 00
27030200 00
Limanda I front plate aluminum, natural anodized finish
Limanda I EMC front plate
Limanda II front plate, aluminum, natural anodized finish
Limanda I intermediate frame
Limanda I EMC intermediate frame
Limanda I handle set without push button
Limanda holder
Limanda I carrying strap
Limanda I quiver
Limanda II table stand ( set = 2 pieces)
Limanda II quiver
Limanda I handle set with 3-stage enable button (right-hand version)
Limanda I handle set with 3-stage enable button (left-hand version)
Enable button (2-stage/1 make contact)
Emergency off switch (2 break contacts)
Cable connection with bending protection M 16
Cable connection with bending protection M 20
Cable connection with bending protection M 25
Inclination adapter for mounting directly on wall or machine
Inclination adapter for mounting directly onto 4949 Suspension System
Inclination adapter for mounting directly onto 4945 Suspension System
Inclination adapter for mounting directly on 4945 Suspension System
Inclination adapter for Limanda bracket on 4949 Suspension System
Inclination adapter for Limanda bracket on 4945 Suspension System
Inclination adapter for Limanda bracket on wall or machine
27030380 00
27030390 00
27030280 00
27030381 00
27030088 00
27030083 00
27030084 00
27030085 00
27030086 00
27030087 00
27030089 00
85701001 00
85701002 00
83500001 00
83500002 00
08100116 00
08100120 00
08100125 00
50020001 00
50020002 00
50020003 00
50020004 00
50020005 00
50020006 00
50020007 00
• Polyamide hand held enclosure for automation engineering measurement control and
data acquisition
• Large component space
• Interface ports for acceptance of interfaces
• Variable enclosure depth (optional)
• Handle set for acceptance of enable button and batteries
Limanda
Included in delivery
Enclosure with upper and lower mold, each with
mounting bosses including seal and border profile,
3 cover panels for interface compartments, screws
and material for front panel mounting.
Front panels must be ordered separately.
Technical Data
Color
Material
Ingress Protection
Surface Resistance
Disruptive Strength
Flammability
Temperature Range
Black-gray, similar to RAL 7021
Polyamide enclosure, anodized aluminum front panel
IP 65 to EN 60529, NEMA 12
1012 Ohm to DIN 53482
>7Nm to DIN 50014
UL 94 V2
-40°F to +140°F
Part
Number
Enclosure
Type
Limanda I
Limanda I EMC
Limanda I for OP17
Limanda II
Dimensions
mm
Dimensions
Inches
Weight
W x L x H
W x L x H
311 x 281 x 72
311 x 281 x 72
311 x 281 x 97
270 x 248 x 64
0.9
1.0
1.4
0.7
1.98
2.20
3.09
1.54
12.24 x 11.06 x 2.83
12.24 x 11.06 x 2.83
12.24 x 11.06 x 3.82
10.63 x 9.76 x 2.52
Part Number
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com