Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5201000000 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 40Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 41Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 42Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 43Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 44Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 45Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 46Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 47Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 164 page
background image
www.Rose-Bopla.com
42
Accessories
Width
Inches/mm
Length
Inches/mm
Part
Number
39.37 / 1000
39.37 / 1000
39.37 / 1000
39.37 / 1000
39.37 / 1000
39.37 / 1000
39.37 / 1000
39.37 / 1000
• Aluminum profile that can be cut to any length required and capped with plate
aluminum lids
• All profiles slotted internally for PCB or chassis mounting
• T-slot on bottom of profile for DIN rail mounting
Multitronic Build-A-Box®
Included in delivery
Extrusion only. Sold by the meter.
Technical Data
Material
Temperature Range
Protection Classification
Bare aluminum, Al Mg Si 0.5
-40°F to +212°F
IP 40 to EN 60529
Height
Inches/mm
PC Card
Slot Size
4.13 / 105
4.13 / 105
4.13 / 105
4.13 / 105
4.13 / 105
8.19 / 208
4.13 / 105
6.50 / 165
1.97 / 50
3.15 / 80
4.33 / 110
2.20 / 56
3.39 / 86
2.13 / 54
1.42 / 36
2.56 / 65
2 x 100 mm
3 x 100 mm
4 x 100 mm
1 x 100 mm
2 x 100 mm
2 x 57 mm,1 x 85 mm, 1 x 204 mm
1 x 100 mm
2 x 160 mm
10011109/10011109
10011109/10011110
10011110/10011110
10011109/10011111
10011111/10011110
10955170 / 10011113
10011108 00
10011112 00
Part Number
10095151 08
10095153 08
10095154 08
10095150 08
10095152 08
10095517 08
10095518 07
10095150 08
10095155 08
77000100 00
10094110 00
10093205 00
Unpainted plate lid with screws for 10011109/10011109
Unpainted plate lid with screws for 10011109/10011110
Unpainted plate lid with screws for 10011110/10011110
Unpainted plate lid with screws for 10011111/10011109
Unpainted plate lid with screws for 10011111/10011110
Unpainted plate lid with screws for 10955170/10011113
Unpainted plate lid with wall mount flange and screws for 10955170/10011113
Unpainted plate lid with screws for 10011108
Unpainted plate lid with screws for 10011112
External wall mount brackets (set of 4)
Rubber Table Feet
Black Lid Screw (M3 x 8)
These profiles feature external “T” slots for bracket wall-mounting
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
All extrusions sold in 1 meter lengths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com