Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5201000000 Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 66Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 67Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 68Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 69Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 70Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 71Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 72Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 73Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 164 page
background image
www.Rose-Bopla.com
68
Dimension
mm
Dimensions
Inches
W x L x H
W x L x H
Accessories
19 x 110.8 x 75
22 x 110.8 x 75
26 x 110.8 x 75
19/22/26 x 110.8 x 75
19 x 110.8 x 75
22 x 110.8 x 75
26 x 110.8 x 75
19 x 110.8 x 75
22 x 110.8 x 75
26 x 110.8 x 75
19 x 110.8 x 75
22 x 110.8 x 75
26 x 110.8 x 75
19/22/26 x 110.8 x 75
19
22
26
19
22
26
19
22
26
19 - 26
19 - 26
22 - 26
22 - 26
19 - 26
19 - 26
19 - 26
19 - 26
0.75 x 4.36 x 2.95
0.87 x 4.36 x 2.95
1.03 x 4.36 x 2.95
0.75/0.87/1.03 x 4.36 x 2.95
0.75 x 4.36 x 2.95
0.87 x 4.36 x 2.95
1.03 x 4.36 x 2.95
0.75 x 4.36 x 2.95
0.87 x 4.36 x 2.95
1.03 x 4.36 x 2.95
0.75 x 4.36 x 2.95
0.87 x 4.36 x 2.95
1.03 x 3.97 x 2.95
0.75/0.87/1.03 x 4.36 x 2.95
0.75
0.87
1.02
0.75
0.87
1.02
0.75
0.87
1.02
0.75 - 1.02
0.75 - 1.02
0.87 - 1.02
0.87 - 1.02
0.75 - 1.02
0.75 - 1.02
0.75 - 1.02
0.75 - 1.02
• Optimal PCB utilization because the unit PCB is inserted from the side
• The right angled shape of the soldering pins makes it possible to mount terminals
with components in one soldering process
• Latching of the shell and lid can take place on automated machines because of the
special snap trim
Included in delivery
Shell only. Lid and accessories must be ordered separately
Technical Data
Color
Material
Flammability
Surface Resistance
Ingress Protection
Light gray, similar to RAL 7035. Special colors or request. Minimum order quantities apply.
Polyamide 6,6 FR, front flap crystal clear polycarbonate
UL 94 V0/1
>1015 Ohm to DIN 53482
IP 40 to DIN EN 60529 for complete enclosure without ventilation.
IP 30 to DIN EN 60529 for complete enclosure with ventilation
IP 20 to DIN EN 60529 for terminals
Model
Part Number
CN 19 GU
CN 22 GU
CN 26 GU
CN-DU
CN 19 GU-L
CN 22 GU-L
CN 26 GU-L
CN 19 GK
CN 22 GK
CN 26 GK
CN 19 GK-L
CN 22 GK-L
CN 26 GK-L
CN-DK
65019000 00
65022000 00
65026000 00
65000100 00
65019010 00
65022010 00
65026010 00
65019100 00
65022100 00
65026100 00
65019110 00
65022110 00
65026110 00
65000200 00
Enclosure shell, universal
Enclosure shell, universal
Enclosure shell, universal
Enclosure lid, universal
Enclosure shell, universal, with air vents (on request)
Enclosure shell, universal, with air vents (on request)
Enclosure shell, universal, with air vents (on request)
Enclosure shell, contoured
Enclosure shell, contoured
Enclosure shell, contoured
Enclosure shell, contoured, with air vents
Enclosure shell, contoured, with air vents
Enclosure shell, contoured, with air vents
Enclosure lid, contoured
Dimensions Width
mm
Dimensions Width
Inches
CombiNorm Compact
CN 19 FP
CN 22 FP
CN 26 FP
CN 19 FK
CN 22 FK
CN 26 FK
CN 19 FKG
CN 22 FKG
CN 26 FKG
AK 8191/2DL
AK 8191/2DR
AK 8191/3DL
AK 8191/3DR
CN-BL1
CN-BL2
CN-WA
CN-BZ
65019500 00
65022500 00
65026500 00
65019600 00
65022600 00
65026600 00
65019700 00
65022700 00
65026700 00
66000052 00
66000062 00
66000072 00
66000082 00
66000032 00
66000042 00
66000012 00
66000022 00
Front panel, plug-in
Front panel, plug-in
Front panel, plug-in
Front flap, snap-on
Front flap, snap-on
Front flap, snap-on
Front flap, clear, snap-on
Front flap, clear, snap-on
Front flap, clear, snap-on
Connection terminals, 2-pole, on left of component side (seen from front), PCB vertical
Connection terminals, 2-pole, on right of component side (seen from front), PCB vertical
Connection terminals, 3-pole, on left of component side (seen from front), PCB vertical
Connection terminals, 3-pole, on right of component side (seen from front), PCB vertical
Blind piece, 1-pole, for unused terminal locations
Blind piece, 2-pole, for unused terminal locations
Wall adapter for mounting single enclosures to wall
Marking plate for clipping onto upper and lower section of enclosure front
Model
Part Number
Version
Version
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com