Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5201000000 Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 78Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 79Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 80Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 81Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 82Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 83Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 84Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 85Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 164 page
background image
www.Rose-Bopla.com
80
Stainless steel enclosure systems can offer considerable
advantages in some application areas in comparison with plastic
enclosure solutions:
• Food industries
• Packaging industries
• Hazardous environments
• EMC areas
• Field bus areas
Rose stainless steel-enclosure systems are manufactured in
materials 1.4404 and 1.4301 as standard. This stainless steel
quality offers permanent resistance in both rough environments, in
the chemical industry, and is ideal for the cleaning demands of the
food industry. Rose stainless steel products offer consistent high
surface finish qualitiy as standard (longitudinal finish 240 grain),
finishing (precise edging and welding) and ingress protection
(IP 65 and IP 66 as standard or higher upon request).
Stainless Steel Enclosure System
Stainless Steel Industrial Enclosures
• 18 enclosure sizes with lid or hinged door in sizes from 100 x 100 x 61 mm up to
600 x 200 x 121 mm
• Application area: food and packaging industries, as well as hazardous environments
Stainless Steel Cabinets
• 16 enclosure sizes with door and mounting plates in dimensions from 200 x 250 x
90 mm up to 600 x 760 x 210 mm
• Application area: food and packaging industries
• 27 enclosure sizes from 100 x 100 x 61 mm up to 600 x 380 x 217 mm
• Application area: EExe, EExia in Zones 1 and 2
• Approvals: PTB 00 ATEX 1101U; PTB 00 ATEX 1052
Ex Stainless Steel Cabinets and Enclosures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com