Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5201000000 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # 5201000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5201000000 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button 5201000000 Datasheet HTML 57Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 58Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 59Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 60Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 61Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 62Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 63Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 64Page - List of Unclassifed Manufacturers 5201000000 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 164 page
background image
Part Number
19" Mounting Frame
with Transparent
Cover
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
59
Enclosure with connection compartment Standard (63.5 mm)
07192101 00
07282101 00
07422101 00
Enclosure with connection compartment Standard (63.5 mm)
07191200 00
07281200 00
07421200 00
07191101 00
07281101 00
07421101 00
07192100 00
07282100 00
07422100 00
07192200 00
07282200 00
07422200 00
07193101 00
07283101 00
07423101 00
07193200 00
07283200 00
07423200 00
07193100 00
07283100 00
07423100 00
07193300 00**
07283300 00**
07423300 00**
07193301 00**
07283301 00**
07423301 00**
-
-
-
07192300 00
07282300 00
07422300 00
07192301 00
07282301 00
07422301 00
-
-
-
• Aluminum electronic enclosures, chassis fittings in three sizes
• Variable length options using profile technology
• Standard construction or version with connection compartment
• Optional Polycarbonate transparent cover
Profitronic
Included in delivery
Enclosure system - depending on version, either with
cast aluminum lids, connection compartment, or
transparent cover; please order mounting elements
separately.
Technical Data
Material
Ingress Protection
Opening Angle
Temperature Resistance
Surface Resistance
Color
Al Mg Si 0.5; connection compartment AlSi12
IP 65 EN 60529
For connection compartments and transparent covers 110°
Lid seals -40°F to + 212°F
Transparent cover -40° to +158°F; only suitable for external applications
Plastic resin stove-enamel finish
Light gray, similar to RAL 7035 - enclosure body and connection compartment
Stone gray, similar to RAL 7030 - enclosure lid and external fittings
Special colors on request
19TE
28TE
42TE
19TE
28TE
42TE
19TE
28TE
42TE
Type
Dimensions*
Inches
Part Number
19" Mounting
Frame
Part Number
Front Panel
Lid
Part Number
Front Panel
Lid
Part Number
Front Panel
Lid and
Transparent Cover
Dimensions*
mm
W x L x H
W x L x H
5.83 x 9.29 x 9.49
7.52 x 9.29 x 9.49
10.43 x 9.29 x 9.49
8.53 x 10.87 x 9.49
7.52 x 10.87 x 9.49
10.43 x 10.87 x 9.49
5.83 x 9.25 x 5.87
7.52 x 9.25 x 5.87
10.43 x 9.25 x 5.87
148 x 236 x 241
191 x 236 x 241
265 x 236 x 241
148 x 276 x 241
191 x 276 x 241
265 x 276 x 241
148 x 235 x 149
191 x 235 x 149
265 x 235 x 149
07191100 00
07281100 00
07421100 00
Part Number
07000100 00
07000200 00
07000017 00
07000018 00
07000019 00
07000010 00
07000011 00
07190020 00
07280020 00
07420020 00
07190010 00
07280010 00
07420010 00
07190030 00
07280030 00
07420030 00
10070018 00
07700081 00
Type 0719
0728
0742
Type 0719
0729
0742
Type 0719
0728
0742
External mounting for enclosure with connection compartment (set of 2)
External mounting for enclosures without connection compartment (set of 2)
Special lock with socket wrench for connection compartment (mounted)
Turning handle for transparent cover (mounted)
Cylinder lock, for transparent cover (mounted)
Board guides for PCB’s, fixed (set of 10)
Board guides for PCB’s; variable (set of 10)
Insulating strip to fix bus boards (set of 2)
Aluminum profile (Z rails) to fix connector bars (set of 2)
Mounting plate for connection compartment
Self-adhesive table feet (set of 4)
Mounting feet (2 pieces)
Accessories
Enclosure with connection compartment Standard (63.5 mm)
*Length without lid
** Enclosure length is equal to connection compartment depth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com