Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S181FL-L-RMM-2450S Datasheet(PDF) 11 Page - Laird Tech Smart Technology

Part # S181FL-L-RMM-2450S
Description  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S Datasheet(HTML) 11 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 7Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 8Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 9Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 10Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 11Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 12Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 13Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 14Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 15Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
11
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Table 6: Digital I/O Characteristics
Normal Operation
Min
Typ
Max
Unit
Input Voltage
VIL input logic level low
-0.4
-
0.4
V
VIH input logic level high
0.7 x
VDD_PADS
-
VDD_PADS
+ 0.4
V
Output Voltage
VOL output logic level low,
IOL = 4.0 mA
-
-
0.4
V
VOH output logic level high,
IOL = 4.0 mA
0.75 x
VDD_PADS
-
-
V
Input and Tristate Currents
Strong pull-up
-150
-40
-10
µA
Strong pull-down
10
40
150
µA
Weak pull-up
-5
-1.0
-0.33
µA
Weak pull-down
0.33
1.0
5.0
µA
CI input capacitance
1.0
-
5.0
pF
Table 7: Current Consumption
Normal Operation
Avg.
Unit
Idle
5
mA
Inquiry
891
µA
File Transfer (ACL)
Transmit (Master)
7.1
mA
Receive (Slave)
11.5
mA
LE Connected (Master)
292
µA
LE Scan (Master)
448
µA
Current consumption values are taken with:
VREG_IN_HV pin = 3.15V
RF TX power set to 0dBm
XTAL used with PSKEY_LP_XTAL_LVL = 8
LEDs disconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com