Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S181FL-L-RMM-2450S Datasheet(PDF) 5 Page - Laird Tech Smart Technology

Part # S181FL-L-RMM-2450S
Description  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S Datasheet(HTML) 5 Page - Laird Tech Smart Technology

  S181FL-L-RMM-2450S Datasheet HTML 1Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 2Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 3Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 4Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 5Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 6Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 7Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 8Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
5
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
SCOPE
This document describes key hardware aspects of the Laird BT830 Bluetooth HCI modules. This document is
intended to assist device manufacturers and related parties, with the integration of this module into their host
devices. Data in this document are drawn from a number of sources including data sheets for the CSR8811.
Because the BT830 is currently in development stage, this document is preliminary and the information in this
document is subject to change. Visit www.lairdtech.com to obtain the most recent version of this document.
OPERATIONAL DESCRIPTION
The BT830 series of UART HCI devices are designed to meet the needs of OEMs adding
robust Bluetooth connectivity and using embedded Bluetooth stacks within their products.
Leveraging the market-leading CSR8811 chipset, the BT830 series provides exceptionally low
power consumption with outstanding range. Supporting the latest Bluetooth v4.0
specification with EDR (Enhanced Data Rate), the Laird BT830 series enables OEMs to
accelerate their development time for leveraging either Classic Bluetooth or Bluetooth Low
Energy (BLE) into their operating system-based devices.
With a footprint as small as 8.5 x 13 mm, yet output power at 7 dBm, these modules are ideal
for applications where designers need high performance in minimal size. For maximum
flexibility in systems integration, the modules are designed to support a UART interface
plus GPIO and additionally I2S and PCM audio interfaces.
These modules present an HCI interface and have native support for Windows and Linux Bluetooth software
stacks. All BT830 series devices are fully qualified as Bluetooth Hardware Controller Subsystem products. This
allows designers to integrate their existing pre-approved Bluetooth host and profile subsystem stacks to gain a
Bluetooth END product approval for their products.
The BT830 series is engineered to provide excellent RF performance with integrated antenna and additional
band pass filters. It further reduces regulatory and testing requirements for OEMs and ensures a hassle free
development cycle.
A fully featured, low-cost developer’s kit is available for prototyping, debug, and integration testing of the BT830
series modules and further reduces risk and time in development cycles.
BT830-SA
BTv4.0 Dual Mode UART HCI Module (Integrated Antenna)
BT830-ST
BTv4.0 Dual Mode UART HCI Module (SMT Pad for External Antenna)
2.1
Features and Benefits
2.2
Application Areas
Bluetooth v4.0 - dual mode (Classic Bluetooth and BLE)
Compact footprint
3-wire Wi-Fi coexistence scheme
High antenna radiation gain and efficiency
Good interference rejection for multi-com system (GSM/WCDMA)
Class 1 output – 7 dBm
UART, GPIO, I2S, and PCM
Industrial temperature range
Bluetooth hardware controller subsystem
FCC, IC, and CE approvals
Host Wake up
Medical devices
ePOS terminals
Barcode scanners
Industrial cable replacement
M2M connectivity
Automotive Diagnostic Equipment
Personal Digital Assistants (PDA)
Bluetooth HID device (keyboard,
mouse, and joystick)
BT830-SA module
BT830 –ST module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com