Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S181FL-L-RMM-2450S Datasheet(PDF) 27 Page - Laird Tech Smart Technology

Part # S181FL-L-RMM-2450S
Description  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S Datasheet(HTML) 27 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 23Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 24Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 25Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 26Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 27Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 28Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 29Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 30Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 31Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
27
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
MECHANICAL DIMENSIONS AND LAND PATTERN
11.1 BT830-SA Mechanical Drawing
Note:
Dimensions are in millimetres (mm).
Tolerances: .xx
±0.03 mm for PCB PAD; +/0.15mm for module size.
.x
±1.3 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com