Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S181FL-L-RMM-2450S Datasheet(PDF) 6 Page - Laird Tech Smart Technology

Part # S181FL-L-RMM-2450S
Description  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S Datasheet(HTML) 6 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 2Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 3Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 4Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 5Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 6Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 7Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 8Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 9Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 10Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
6
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
BLOCK DIAGRAM AND DESCRIPTIONS
Figure 2: BT830 module block diagram
CS8811A08
(Main chip)
The BT830 is based on the CSR8811A08 dual mode chip. The chip is a single-chip radio with
on-chip LDO regulators and baseband IC for Bluetooth 2.4 GHz systems including EDR to 3
Mbps.
Dedicated signal and baseband processing is included for full Bluetooth operation. The chip
provides PCM/I2S and UART interfaces. Up to four general purpose I/Os are available for
general use such as Wi-Fi coexistence or general indicators.
Note: The purpose of the SPI interface is to access the module’s inner settings such as
selecting different WLAN CO-EXIST scheme. The SPI interface can also be used to
place the module in RF test mode. You cannot use the module over the SPI
interface for normal operation as the main host interface.
Antenna
Options
BT830-SA – The antenna is a ceramic monopole chip antenna.
BT830-ST – Provides a SMT pad for connecting an external antenna.
Band Pass
Filter
The band pass filter filters the out-of-band emissions from the transmitter to meet the
specific regulations for type approvals of various countries.
Crystal
The embedded 26 MHz crystal is used for generating the clock for the entire module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com