Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S181FL-L-RMM-2450S Datasheet(PDF) 13 Page - Laird Tech Smart Technology

Part # S181FL-L-RMM-2450S
Description  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S Datasheet(HTML) 13 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 9Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 10Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 11Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 12Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 13Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 14Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 15Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 16Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 17Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
13
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Channel signaling
Host passing of channel instructions
The BT830 supports the following WLAN coexistence schemes:
Unity-3
Unity-3e
More information is available in the BT830 Configuration File application note, available on the documentation
tab of the BT830 Product Page at Lairdtech.com.
8.3
UART Interface
This is a standard UART interface for communicating with other serial devices. The CSR8811 UART interface
provides a simple mechanism for communicating with other serial devices using the RS-232 protocol.
Figure 1: Signals that implement the UART function
The above figure shows the four signals that implement the UART function. When BT830 is connected to
another digital device, UART_RX and UART_TX transfer data between the two devices. The remaining two
signals, UART_CTS and UART_RTS, implement RS232 hardware flow control where both are active low
indicators. The default configuration of UART is 115200 bauds; None parity check; 1 stop bit; 8 bits per byte.
Note:
With a standard PC, an accelerated serial port adapter card is required to communicate with the UART
at its maximum data rate.
8.4
PCM Interface
The audio PCM interface on the BT830 supports the following:
Continuous transmission and reception of PCM encoded audio data over Bluetooth.
Processor overhead reduction through hardware support for continual transmission and reception of PCM
data.
A bidirectional digital audio interface that routes directly into the baseband layer of the firmware. It does
not pass through the HCI protocol layer.
Hardware on the BT830 for sending data to and from a SCO connection.
Up to three SCO connections on the PCM interface at any one time.
PCM interface master, generating PCM_SYNC and PCM_CLK.
PCM interface slave, accepting externally generated PCM_SYNC and PCM_CLK.
Various clock formats including:
–
Long Frame Sync
–
Short Frame Sync
GCI timing environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com