Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S181FL-L-RMM-2450S Datasheet(PDF) 8 Page - Laird Tech Smart Technology

Part # S181FL-L-RMM-2450S
Description  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S Datasheet(HTML) 8 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 4Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 5Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 6Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 7Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 8Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 9Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 10Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 11Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 12Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
8
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
PIN DEFINITIONS
Table 2: BT830 pin definitions
#
Pin Name
I/O
Supply
Domain
Description
If
Unused…
1
VDD_PADS
DC voltage input
(1.75V-3.6V)
Positive DC supply for configuring
digital I/O level.
N/A
2
GND
GND
-
Ground
GND
3
PIO2
Bidirectional, tri-
state, with weak
internal pull-
down
VDD_PADS
Programmable input/output line
NC
4
UART_RTS
Bidirectional, tri-
state,
with weak
internal pull-up
VDD_PADS
UART request to send, active low
NC
5
UART_TX
Bidirectional, tri-
state,
with weak
internal pull-up
VDD_PADS
UART data output, active high
NC
6
UART_CTS
Bidirectional, tri-
state,
with weak
internal pull-up
VDD_PADS
UART clear to send, active low
NC
7
UART_RX
Bidirectional, tri-
state,
with weak
internal pull-up
VDD_PADS
UART data input, active high
NC
8
VREG_EN_RST#
Input with strong
internal pull-
down
VDD_PADS
Take high to enable internal
regulators. Also acts as active low
reset. Maximum voltage is
VDD_PADS.
N/A
9
VREG_IN_HV
Analogue
regulator input
3.3V
Module main DC power supply;
Input to internal high-voltage
regulator
N/A
10
VREG_OUT_HV
Analogue
regulator
input/output
1.8V
Output from internal high-voltage
regulator and input to low-voltage
internal regulators.
N/C
11
GND
GND
-
Ground
GND
12
GND
GND
-
Ground
GND
13
GND
GND
-
Ground
GND
14
GND
GND
-
Ground
GND
15
GND
GND
-
Ground
GND
16
GND
GND
-
Ground
GND
17
RF
BT830-ST – RF signal out (50 ohm)
BT830-SA – No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com