Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S181FL-L-RMM-2450S Datasheet(PDF) 29 Page - Laird Tech Smart Technology

Part # S181FL-L-RMM-2450S
Description  Dual-Mode UART HCI Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S Datasheet(HTML) 29 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 25Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 26Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 27Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 28Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 29Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 30Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 31Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 32Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 33Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
29
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
IMPLEMENTATION NOTE
12.1 PCB Layout on Host PCB
Checklist (for PCB):
Must locate the BT830 module close to the edge of PCB.
Use solid GND plane on inner layer (for best EMC and RF performance).
Place GND vias as close to module GND pads as possible
Route traces to avoid noise being picked up on VCC supply.
Antenna Keep-out area:
–
Ensure there is no copper in the antenna keep-out area on any layers of the host PCB.
–
Keep all mounting hardware and metal clear of the area to allow proper antenna radiation.
–
For best antenna performance, place the BT830 module on the edge of the host PCB, preferably in
the corner with the antenna facing the corner.
–
A different host PCB thickness dielectric will have small effect on antenna.
Figure 18: Recommend Antenna keep-out area (in White) used on the BT830-SA
12.1.1 Antenna Keep-out and Proximity to Metal or Plastic
Checklist (for metal /plastic enclosure):
Minimum safe distance for metals without seriously compromising the antenna (tuning) is 40 mm
top/bottom and 30 mm left or right.
Metal close to the BT830-SA chip monopole antenna (bottom, top, left, right, any direction) will have
degradation on the antenna performance. The amount of degradation is entirely system dependent which
means some testing by customers is required (in their host application).
Any metal closer than 20 mm starts to significantly degrade performance (S11, gain, radiation efficiency).
It is best that the customer tests the range with mock-up (or actual prototype) of the product to assess
effects of enclosure height (and material whether metal or plastic).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com