Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS10.DNET Datasheet(PDF) 10 Page - PULS GmbH

Part # QS10.DNET
Description  24V, 8A, DEVICENET POWER SUPPLY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS10.DNET Datasheet(HTML) 10 Page - PULS GmbH

Back Button QS10.DNET Datasheet HTML 6Page - PULS GmbH QS10.DNET Datasheet HTML 7Page - PULS GmbH QS10.DNET Datasheet HTML 8Page - PULS GmbH QS10.DNET Datasheet HTML 9Page - PULS GmbH QS10.DNET Datasheet HTML 10Page - PULS GmbH QS10.DNET Datasheet HTML 11Page - PULS GmbH QS10.DNET Datasheet HTML 12Page - PULS GmbH QS10.DNET Datasheet HTML 13Page - PULS GmbH QS10.DNET Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
QS10.DNET
Q-Series
24V, 8A, DEVICENET® POWER SUPPLY
11. FUNCTIONAL DIAGRAM
Fig. 11-1 Functional diagram
+
+
-
-
DC-ok
contact
Output
Over-
Voltage
Protection
PFC
Converter
Output
Voltage
Regulator
Power
Converter
Output
Filter
DC-ok
Relay
Output
Voltage
Monitor
Output
Power
Manager
Temper-
ature
Shut-
down
Overload
LED
DC-ok
LED
Input Fuse
Input Filter
Input Rectifier
Active Transient Filter &
Inrush Current Limiter
V
OUT
L
N
12. TERMINALS AND WIRING
Bi-stable, quick-connect spring clamp terminals. IP20 Finger safe construction. Suitable for field- and factory
installation. Shipped in open position.
Input
Output
DC-OK-Signal
Type
spring-clamp terminals
spring-clamp terminals
spring-clamp terminals
Solid wire
0.5-6mm2
0.5-6mm2
0.5-6mm2
Stranded wire
0.5-4mm2
0.5-4mm2
0.5-4mm2
American Wire Gauge
20-10 AWG
20-10 AWG
20-10 AWG
Wire stripping length
10mm / 0.4inch
10mm / 0.4inch
10mm / 0.4inch
Screwdriver
not applicable
not applicable
not applicable
Recommended tightening torque
not applicable
not applicable
not applicable
Pull-out force
10AWG:80N, 12AWG:60N, 14AWG:50N, 16AWG:40N (according to UL486E)
Fig. 12-1
Connecting a wire
Instructions:
a) Use appropriate copper cables that are designed for minimum
operating temperatures of:
60°C for ambient up to 45°C and
75°C for ambient up to 60°C minimum
90°C for ambient up to 70°C minimum.
b)Follow national installation codes and installation regulations!
c) Ensure that all strands of a stranded wire enter the terminal
connection!
d)Up to two stranded wires with the same cross section are
permitted in one connection point (except PE wire).
e) Do not use the unit without PE connection.
f) Unused terminal compartments should be securely tightened.
g)Ferrules are allowed.
1. Insert the wire
2. Close the lever
To disconnect wire:
reverse the procedure
Dec. 2014 / Rev. 2.2 DS-QS10.DNET-EN
All parameters are specified at 24V, 8A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
10/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com