Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS10.DNET Datasheet(PDF) 6 Page - PULS GmbH

Part # QS10.DNET
Description  24V, 8A, DEVICENET POWER SUPPLY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS10.DNET Datasheet(HTML) 6 Page - PULS GmbH

Back Button QS10.DNET Datasheet HTML 2Page - PULS GmbH QS10.DNET Datasheet HTML 3Page - PULS GmbH QS10.DNET Datasheet HTML 4Page - PULS GmbH QS10.DNET Datasheet HTML 5Page - PULS GmbH QS10.DNET Datasheet HTML 6Page - PULS GmbH QS10.DNET Datasheet HTML 7Page - PULS GmbH QS10.DNET Datasheet HTML 8Page - PULS GmbH QS10.DNET Datasheet HTML 9Page - PULS GmbH QS10.DNET Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
QS10.DNET
Q-Series
24V, 8A, DEVICENET® POWER SUPPLY
6. OUTPUT
Output voltage
nom.
24V
Adjustment range
min.
24-24.5V
guaranteed
max.
25V *)
at clockwise end position of potentiometer
Factory setting
typ.
24.1V
±0.2%, at full load, cold unit
Line regulation
max.
10mV
60-300Vac
Load regulation
max.
100mV
static value, 0A
8A
Ripple and noise voltage
max.
50mVpp
20Hz to 20MHz, 50Ohm
Output current
nom.
8A
continuously available at 24V, see Fig. 6-1
nom.
12A
for typ. 200ms to charge network capacitors ***)
Output power
nom.
192W
continuously available at 24V
Overload behaviour
cont. current
Short-circuit current
min.
7A **)
continuous, load impedance 100mOhm, see Fig. 6-1
max.
10A **)
continuous, load impedance 100mOhm, see Fig. 6-1
max.
13A **)
for the first 200ms after the short across the output,
load impedance 100mOhm
Output capacitance
typ.
7 000μF
included inside the power supply
*)
This is the maximum output voltage which can occur at the clockwise end position of the potentiometer due to tolerances. It is not
guaranteed value which can be achieved. The typical value is about 24.8V.
**) Discharge current of output capacitors is not included.
***) The extra current to charge network capacitors is available as soon as power comes on and immediately after the end of an output short
circuit or output overload.
Peak current capability (up to several milliseconds)
The power supply can deliver a peak current which is higher than the specified short term current. This helps to start
current demanding loads or to safely operate subsequent circuit breakers.
The extra current is supplied by the output capacitors inside the power supply. During this event, the capacitors will be
discharged and causes a voltage dip on the output. Detailed curves can be found in chapter 22.1.
Peak current voltage dips
typ.
from 24V to 18.5V
at 16A for 50ms, resistive load
typ.
from 24V to 20V
at 32A for 2ms, resistive load
typ.
from 24V to 16.5V
at 32A for 5ms, resistive load
Fig. 6-1 Output voltage vs. output current,
typ.
Output Voltage
0
0
2
6
8
10A
4
8
12
28V
16
20
24
Output Current
4
Dec. 2014 / Rev. 2.2 DS-QS10.DNET-EN
All parameters are specified at 24V, 8A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com