Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS10.DNET Datasheet(PDF) 4 Page - PULS GmbH

Part # QS10.DNET
Description  24V, 8A, DEVICENET POWER SUPPLY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS10.DNET Datasheet(HTML) 4 Page - PULS GmbH

  QS10.DNET Datasheet HTML 1Page - PULS GmbH QS10.DNET Datasheet HTML 2Page - PULS GmbH QS10.DNET Datasheet HTML 3Page - PULS GmbH QS10.DNET Datasheet HTML 4Page - PULS GmbH QS10.DNET Datasheet HTML 5Page - PULS GmbH QS10.DNET Datasheet HTML 6Page - PULS GmbH QS10.DNET Datasheet HTML 7Page - PULS GmbH QS10.DNET Datasheet HTML 8Page - PULS GmbH QS10.DNET Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
QS10.DNET
Q-Series
24V, 8A, DEVICENET® POWER SUPPLY
3. AC-INPUT
AC input
nom.
AC 100-240V
suitable for TN-, TT- and IT mains networks
AC input range
min.
85-276Vac
continuous operation
min.
60-85Vac
full power for 200ms, no damage between 0 and 85Vac
min.
276-300Vac
< 500ms
Allowed voltage L or N to earth
max.
276Vac
continuous, IEC 62103
Input frequency
nom.
50–60Hz
±6%
Turn-on voltage
typ.
81Vac
steady-state value, see Fig. 3-1
Shut-down voltage
typ.
63Vac
steady-state value, see Fig. 3-1
typ.
55Vac
dynamic value
External input protection
See recommendations in chapter 22.3.
AC 100V
AC 120V
AC 230V
Input current
typ.
2.13A
1.77A
1.0A
at 24V, 8A, see Fig. 3-3
Power factor *)
typ.
0.99
0.98
0.92
at 24V, 8A, see Fig. 3-4
Crest factor **)
typ.
1.65
1.67
1.85
at 24V, 8A
Start-up delay
typ.
800ms
650ms
340ms
see Fig. 3-2
Rise time
typ.
8ms
8ms
8ms
0mF, 24V, 8A, see Fig. 3-2
typ.
15ms
15ms
15ms
8mF, 24V, 8A, see Fig. 3-2
Turn-on overshoot
max.
100mV
100mV
100mV
see Fig. 3-2
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
**) The crest factor is the mathematical ratio of the peak value to RMS value of the input current waveform.
Fig. 3-1 Input voltage range
Fig. 3-2 Turn-on behavior, definitions
85V
Rated
input range
max.
500ms
V
IN
P
OUT
4/22
60V
300Vac
276V
full
power
for
200ms
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Input
Voltage
Fig. 3-3 Input current vs. output load at 24V
Fig. 3-4 Power factor vs. output load
8A
1
234
56
7
0
0.5
1.0
1.5
2.0
2.5
3.0A
Input Current, typ.
Output Current
230V
ac
120
Vac
100
Vac
8A
1
234
56
7
0.75
0.8
0.85
0.9
0.95
1.0
Power Factor, typ.
100Vac
120Vac
230Vac
Output Current
Dec. 2014 / Rev. 2.2 DS-QS10.DNET-EN
All parameters are specified at 24V, 8A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com