Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS10.DNET Datasheet(PDF) 11 Page - PULS GmbH

Part # QS10.DNET
Description  24V, 8A, DEVICENET POWER SUPPLY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS10.DNET Datasheet(HTML) 11 Page - PULS GmbH

Back Button QS10.DNET Datasheet HTML 7Page - PULS GmbH QS10.DNET Datasheet HTML 8Page - PULS GmbH QS10.DNET Datasheet HTML 9Page - PULS GmbH QS10.DNET Datasheet HTML 10Page - PULS GmbH QS10.DNET Datasheet HTML 11Page - PULS GmbH QS10.DNET Datasheet HTML 12Page - PULS GmbH QS10.DNET Datasheet HTML 13Page - PULS GmbH QS10.DNET Datasheet HTML 14Page - PULS GmbH QS10.DNET Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
QS10.DNET
Q-Series
24V, 8A, DEVICENET® POWER SUPPLY
13. FRONT SIDE AND USER ELEMENTS
Fig. 13-1 Front side
A
Input Terminals (Quick-connect spring-clamp terminals)
N, L
Line input
PE (Protective Earth) input
B
Output Terminals (Quick-connect spring-clamp terminals, two pins per
pole)
+
Positive output
–
Negative (return) output
C
DC-OK Relay Contact (Quick-connect spring-clamp terminals)
The DC-OK relay contact is synchronized with the DC-OK LED.
See chapter 8 for details.
D Output voltage potentiometer
Multi turn potentiometer;
Open the flap to adjust the output voltage. Factory set: 24.1V
E
DC-OK LED (green)
On, when the output voltage is >90% of the adjusted output voltage
F
Overload LED (red)
On, when the voltage on the output terminals is <90% of the adjusted
output voltage, or in case of a short circuit in the output.
Input voltage is required
Flashing, when the unit has switched off due to over-temperature.
Indicators, LEDs
Overload LED
DC-OK LED
DC-OK Contact
Normal mode
OFF
ON
Closed
During BonusPower®
OFF
ON
Closed
Overload (VOUT < 90%)
ON
OFF
Open
Output short circuit
ON
OFF
Open
Temperature Shut-down
Intermitted
OFF
Open
No input power
OFF
OFF
Open
Dec. 2014 / Rev. 2.2 DS-QS10.DNET-EN
All parameters are specified at 24V, 8A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
11/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com