Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS10.DNET Datasheet(PDF) 14 Page - PULS GmbH

Part # QS10.DNET
Description  24V, 8A, DEVICENET POWER SUPPLY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS10.DNET Datasheet(HTML) 14 Page - PULS GmbH

Back Button QS10.DNET Datasheet HTML 10Page - PULS GmbH QS10.DNET Datasheet HTML 11Page - PULS GmbH QS10.DNET Datasheet HTML 12Page - PULS GmbH QS10.DNET Datasheet HTML 13Page - PULS GmbH QS10.DNET Datasheet HTML 14Page - PULS GmbH QS10.DNET Datasheet HTML 15Page - PULS GmbH QS10.DNET Datasheet HTML 16Page - PULS GmbH QS10.DNET Datasheet HTML 17Page - PULS GmbH QS10.DNET Datasheet HTML 18Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
QS10.DNET
Q-Series
24V, 8A, DEVICENET® POWER SUPPLY
16. PROTECTION FEATURES
Output protection
Electronically protected against overload, no-load and short-circuits *)
Output over-voltage protection
typ. 27Vdc
max. 29.5Vdc
In case of an internal power supply defect, a redundant
circuit limits the maximum output voltage. The output
shuts down and automatically attempts to restart.
Degree of protection
IP 20
EN/IEC 60529
Penetration protection
> 3.5mm
e.g. screws, small parts
Over-temperature protection
yes
Output shut-down with automatic restart
Input transient protection
MOV (Metal Oxide Varistor)
Internal input fuse
T6.3A H.B.C.
not user replaceable
*)
In case of a protection event, audible noise may occur.
17. SAFETY FEATURES
Input / output separation *)
SELV
IEC/EN 60950-1
PELV
IEC/EN 60204-1, EN 50178, IEC 62103, IEC 60364-4-41
double or reinforced insulation
Class of protection
I
PE (Protective Earth) connection required
Isolation resistance
> 5MOhm
input to output, 500Vdc
PE resistance
< 0.1Ohm
Touch current (leakage current)
typ. 0.19mA / 0.44mA
100Vac, 50Hz, TN-,TT-mains / IT-mains
typ. 0.29mA / 0.65mA
120Vac, 60Hz, TN-,TT-mains / IT-mains
typ. 0.53mA / 1.04mA
230Vac, 50Hz, TN-,TT-mains / IT-mains
< 0.25mA / 0.54mA
110Vac, 50Hz, TN-,TT-mains / IT-mains
< 0.38mA / 0.79mA
132Vac, 60Hz, TN-,TT-mains / IT-mains
< 0.74mA /1.29mA
264Vac, 50Hz, TN-,TT-mains / IT-mains
*)
double or reinforced insulation
Dec. 2014 / Rev. 2.2 DS-QS10.DNET-EN
All parameters are specified at 24V, 8A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
14/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com