Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS10.DNET Datasheet(PDF) 1 Page - PULS GmbH

Part # QS10.DNET
Description  24V, 8A, DEVICENET POWER SUPPLY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS10.DNET Datasheet(HTML) 1 Page - PULS GmbH

  QS10.DNET Datasheet HTML 1Page - PULS GmbH QS10.DNET Datasheet HTML 2Page - PULS GmbH QS10.DNET Datasheet HTML 3Page - PULS GmbH QS10.DNET Datasheet HTML 4Page - PULS GmbH QS10.DNET Datasheet HTML 5Page - PULS GmbH QS10.DNET Datasheet HTML 6Page - PULS GmbH QS10.DNET Datasheet HTML 7Page - PULS GmbH QS10.DNET Datasheet HTML 8Page - PULS GmbH QS10.DNET Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
QS10.DNET
Q-Series
24V, 8A, DEVICENET® POWER SUPPLY
POWER SUPPLY
AC 100-240V Wide-range Input
DeviceNet® Approved
NEC Class 1 Compliant
Width only 60mm
Efficiency up to 93.4%
Active Power Factor Correction (PFC)
Negligible low Inrush Current Surge
Short-term Operation down to 60Vac and up to 300Vac
Full Power Between -25°C and +60°C
DC-OK Relay Contact
Quick-connect Spring-clamp Terminals
3 Year Warranty
1/22
GENERAL DESCRIPTION
The QS10.DNET power supply is a derivate of the
Dimension QS10 family, which is specially designed to
meet the DeviceNet® requirement. The QS10.DNET exists
beside the QS5.DNET, which is the right choice to supply
networks that use NEC Class 2 cables.
The specialties of DeviceNet® power supplies are:
The nominal and overload currents are sized for the
ratings of the DeviceNet® cables.
Large load capacitors can be charged in a very short
period of time.
After turn on, the output voltage increases according
to the DeviceNet® timing specification.
The upper level of the output level is limited to protect
the network.
The most outstanding features are a high efficiency,
compact size, wide-range input voltage, a very low
inrush surge and a DC-ok contact. High immunity to
transients and power surges and a low electromagnetic
emission makes usage in nearly every environment
possible.
Unique quick-connect spring-clamp terminals allow a
safe and fast installation. A large international approval
package makes this unit suitable for nearly every
situation.
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
24 – 24.5V
Output current
8A
Output power
192W
Output ripple
< 50mVpp
20Hz to 20MHz
Input voltage
AC 100-240V
±15%
Mains frequency
50-60Hz
±6%
AC Input current
1.77 / 1.0A
at 120 / 230Vac
Power factor
0.98 / 0.92
at 120 / 230Vac
AC Inrush current
typ. 4 / 7A peak
at 120 / 230Vac
Efficiency
92.8 / 93.4%
at 120 / 230Vac
Losses
14.9 / 13.6W
at 120 / 230Vac
Temperature range -25°C to +70°C
operational
Derating
5W/°C
+60 to +70°C
Hold-up time
typ. 33 / 34ms
at 120 / 230Vac
Dimensions
60x124x117mm
WxHxD
ORDER NUMBERS
Power Supply
QS10.DNET
24V Power supply
Accessory
ZM1.WALL
Wall mount bracket
ZM13.SIDE
Side mount bracket
UF20.241
Buffer unit
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
Class I Div 2
Marine
EMC, LVD
Dec. 2014 / Rev. 2.2 DS-QS10.DNET-EN
All parameters are specified at 24V, 8A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - QS10.DNET

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS10.121 PULS-QS10.121 Datasheet
779Kb / 26P
12V, 15A, SINGLE PHASE INPUT
QS10.241 PULS-QS10.241 Datasheet
856Kb / 28P
24V, 10A, SINGLE PHASE INPUT
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
24V, 200W, DC/DC CONVERTER
QS10.241-A1 PULS-QS10.241-A1 Datasheet
856Kb / 28P
24V, 10A, SINGLE PHASE INPUT
QS10.241-C1 PULS-QS10.241-C1 Datasheet
856Kb / 28P
24V, 10A, SINGLE PHASE INPUT
More results

Similar Description - QS10.DNET

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6405 ATMEL-ATA6405 Datasheet
281Kb / 12P
12/24V SYSTEM POWER SUPPLY IC
logo
Lineage Power Corporati...
CAR2024FP LINEAGEPOWER-CAR2024FP Datasheet
1Mb / 2P
2000 Watt 24V Front End Power Supply
logo
NTE Electronics
5724D5003 NTE-5724D5003 Datasheet
864Kb / 1P
24V AC?묭C Switching Power Supply
logo
Alpha & Omega Semicondu...
AOZ1237QI-02 AOSMD-AOZ1237QI-02 Datasheet
846Kb / 15P
24V/8A Synchronous EZBuckTM Regulator
logo
Maxim Integrated Produc...
MAXREFDES115 MAXIM-MAXREFDES115 Datasheet
567Kb / 16P
ISOLATED 24V TO 5V 20W POWER SUPPLY
9/6/2016
logo
PULS GmbH
QS5.DNET PULS-QS5.DNET Datasheet
686Kb / 21P
24V, 3.8A, NEC CLASS 2, DEVICENET POWER SUPPLY
logo
Alpha & Omega Semicondu...
AOZ1267QI-02 AOSMD-AOZ1267QI-02 Datasheet
757Kb / 15P
24V/8A Synchronous EZBuckTM Regulator
logo
Schneider Electric
LULC09 SCHNEIDER-LULC09 Datasheet
98Kb / 3P
DeviceNet communication module, TeSys U, 24V DC supply
May 11, 2022
logo
NHP Electrical Engineer...
1769-PB2 NHP-1769-PB2 Datasheet
627Kb / 1P
COMPACTLOGIX 2A POWER SUPPLY 24V DC
8 June 2023,
1769-PB4 NHP-1769-PB4 Datasheet
627Kb / 1P
COMPACTLOGIX 4A POWER SUPPLY 24V DC
8 June 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com