Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS10.DNET Datasheet(PDF) 18 Page - PULS GmbH

Part # QS10.DNET
Description  24V, 8A, DEVICENET POWER SUPPLY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS10.DNET Datasheet(HTML) 18 Page - PULS GmbH

Back Button QS10.DNET Datasheet HTML 14Page - PULS GmbH QS10.DNET Datasheet HTML 15Page - PULS GmbH QS10.DNET Datasheet HTML 16Page - PULS GmbH QS10.DNET Datasheet HTML 17Page - PULS GmbH QS10.DNET Datasheet HTML 18Page - PULS GmbH QS10.DNET Datasheet HTML 19Page - PULS GmbH QS10.DNET Datasheet HTML 20Page - PULS GmbH QS10.DNET Datasheet HTML 21Page - PULS GmbH QS10.DNET Datasheet HTML 22Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
QS10.DNET
Q-Series
24V, 8A, DEVICENET® POWER SUPPLY
21. ACCESSORIES
21.1. ZM1.WALL WALL MOUNTING BRACKET
This bracket is used to mount the power
supply onto a flat surface without utilizing a
DIN-Rail.
21.2. ZM13.SIDE SIDE MOUNTING BRACKET
This bracket is used to mount Dimension units sideways with or without utilizing a DIN-Rail. The two aluminum
brackets and the black plastic slider of the unit have to be detached, so that the steel brackets can be mounted.
For sideway DIN-rail mounting, the removed aluminum brackets and the black plastic slider need to be mounted on
the steel bracket.
Side mounting with DIN-rail brackets
Side mounting without DIN-rail brackets
21.3. UF20.241 BUFFER MODULE
This buffer unit is a supplementary device for DC 24V power supplies. It delivers power to bridge typical mains failures
or extends the hold-up time after turn-off of
the AC power. In times when the power
supply provides sufficient voltages, the buffer
unit stores energy in integrated electrolytic
capacitors. In case of mains voltage fault, this
energy is released again in a regulated
process. One buffer module can deliver 20A additional current.
DC
Buffer
Unit(s)
Power
Supply
Load
AC
+
-
The buffer unit does not require any control wiring. It can be added in parallel to the
load circuit at any given point. Buffer units can be added in parallel to increase the
output ampacity or the hold-up time.
Dec. 2014 / Rev. 2.2 DS-QS10.DNET-EN
All parameters are specified at 24V, 8A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
18/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com