Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4826 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC4826
Description  Low Input Voltage, 160VPP Output Voltage, EL Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4826 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC4826 Datasheet HTML 2Page - Micrel Semiconductor MIC4826 Datasheet HTML 3Page - Micrel Semiconductor MIC4826 Datasheet HTML 4Page - Micrel Semiconductor MIC4826 Datasheet HTML 5Page - Micrel Semiconductor MIC4826 Datasheet HTML 6Page - Micrel Semiconductor MIC4826 Datasheet HTML 7Page - Micrel Semiconductor MIC4826 Datasheet HTML 8Page - Micrel Semiconductor MIC4826 Datasheet HTML 9Page - Micrel Semiconductor MIC4826 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC4826
Micrel
MIC4826
6
August 2004
Functional Diagram
Q1
Q2
Q3
Q4
EL
Oscillator
GND
4
VB
EL LAMP
7
VA
8
CS
6
SW
COUT
D1
L1
220
µH
5
1
RWS
RSW
CIN
2
REL
REL
3
Switch
Oscillator
VDD
VREF
VIN
Figure 1. MIC4826 Block Diagram
Functional Description
See “Application Information” for component selection and
pre-designed circuits.
Overview
The MIC4826 is a high voltage EL driver with an AC output
voltage of 160V peak-to-peak capable of driving EL lamps up
to 6 in2 . Input supply current for the MIC4826 is typically 21
µA
with a typical shutdown current of 10nA. The high voltage EL
driver has two internal oscillators to control the switching
MOSFET and the H-bridge driver. Both of the internal oscil-
lators’ frequencies can be individually programmed through
the external resistors to maximize the efficiency and the
brightness of the lamps.
Regulation
Referring to Figure 1, initially power is applied to V
DD. The
internal feedback voltage is less than the reference voltage
causing the internal comparator to go low which enables the
switching MOSFET’s oscillator. When the switching MOSFET
turns on, current flows through the inductor and into the
switch. The switching MOSFET will typically turn on for 90%
of the switching frequency. During the on-time, energy is
stored in the inductor. When the switching MOSFET turns off,
current flowing into the inductor forces the voltage across the
inductor to reverse polarity. The voltage across the inductor
rises until the external diode conducts and clamps the voltage
at V
OUT+VD1. The energy in the inductor is then discharged
into the C
OUT capacitor. The internal comparator continues to
turn the switching MOSFET on and off until the internal
feedback voltage is above the reference voltage. Once the
internal feedback voltage is above the reference voltage, the
internal comparator turns off the switching MOSFET’s oscil-
lator.
When the EL oscillator is enabled, V
A and VB switch in
opposite states to achieve a 160V peak-to-peak AC output
signal. The external resistor that connects to the REL pin
determines the EL frequency.
TIME (2ms/div)
V
IN = 3.0V
L = 220
µH
C
OUT = 0.01µF
Lamp = 2in2
R
SW = 332k
R
EL = 3.32M
Figure 2. 108Hz Typical Output Waveform
Switching Frequency
The switching frequency of the converter is controlled via an
external resistor between RSW pin and VDD pin of the
device. The switching frequency increases as the resistor
value decreases. For resistor value selections, see “Typical
Characteristics: Switching Frequency vs. Switch Resistor”
or use the equation below. The switching frequency range is
8kHz to 200kHz, with an accuracy of
±20%.
fkHz
RM
SW
SW
()
()
=
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com