Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4826 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4826
Description  Low Input Voltage, 160VPP Output Voltage, EL Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4826 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4826 Datasheet HTML 1Page - Micrel Semiconductor MIC4826 Datasheet HTML 2Page - Micrel Semiconductor MIC4826 Datasheet HTML 3Page - Micrel Semiconductor MIC4826 Datasheet HTML 4Page - Micrel Semiconductor MIC4826 Datasheet HTML 5Page - Micrel Semiconductor MIC4826 Datasheet HTML 6Page - Micrel Semiconductor MIC4826 Datasheet HTML 7Page - Micrel Semiconductor MIC4826 Datasheet HTML 8Page - Micrel Semiconductor MIC4826 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2004
1
MIC4826
MIC4826
Micrel
MIC4826
Low Input Voltage, 160V
PP Output Voltage, EL Driver
Final Information
General Description
Micrel’s MIC4826 is a high output voltage, DC to AC con-
verter, designed for driving EL (Electroluminescent) lamps.
The device operates from an input voltage range of 1.8V to
5.5V, making it suitable for 1-cell Li Ion and 2- or 3-cell
alkaline/NiCad/NiMH battery applications. The MIC4826 con-
verts a low voltage DC input to a 160V
PP AC output signal that
drives the EL lamp.
The MIC4826 is comprised of two stages: a boost stage, and
an H-bridge, lamp driver, stage. The boost stage steps the
input voltage up to +80V. The H-bridge stage then alternately
switches the +80V output to each terminal of the EL lamp,
thus creating a 160V
PP AC signal to drive the EL lamp and
generate light.
The MIC4826 features separate oscillators for the boost- and
H-bridge stages. External resistors independently set the
operating frequency of each stage. This flexibility allows the
EL lamp circuit to be optimized for maximum efficiency and
brightness.
The MIC4826 uses a single inductor and a minimum number
of external components, making it ideal for portable, space-
sensitive applications.
The MIC4826 is available in an 8-pin MSOP package with an
ambient temperature range of –40
°C to +85°C.
Typical Application
Features
• 1.8V to 5.5V DC input voltage
• 160V
PP regulated AC output waveform
• Independently adjustable EL lamp frequency
• Independently adjustable boost converter frequency
• 0.1
µA shutdown current
Applications
• LCD panel backlight
• Cellular phones
• PDAs
• Pagers
• Calculators
• Remote controls
• Portable phones
Ordering Information
Part Number
Temp. Range
Package
Standard
Pb-Free
MIC4826BMM MIC4826YMM –40
°C to +85°C MSOP-8
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000• http://www.micrel.com
High Voltage EL Driver
442k
2M
VIN
COUT
0.01
µF/100V
D1
1N4148
L1
220
µH
2in2 EL LAMP
15
6
8
7
2
3
4
SW
CS
VA
VB
VDD
RSW
REL
GND
MIC4826
CIN
10
µF
TIME (2ms/div)


Similar Part No. - MIC4826

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4826 MICREL-MIC4826 Datasheet
640Kb / 12P
Low Input Voltage, 160VPP Output Voltage, EL Driver
logo
Microchip Technology
MIC4826 MICROCHIP-MIC4826 Datasheet
2Mb / 22P
Low Input Voltage, 160 VPP Output Voltage, EL Driver
09/14/21
logo
Micrel Semiconductor
MIC4826BMM MICREL-MIC4826BMM Datasheet
640Kb / 12P
Low Input Voltage, 160VPP Output Voltage, EL Driver
MIC4826YMM MICREL-MIC4826YMM Datasheet
640Kb / 12P
Low Input Voltage, 160VPP Output Voltage, EL Driver
logo
Microchip Technology
MIC4826YMM MICROCHIP-MIC4826YMM Datasheet
2Mb / 22P
Low Input Voltage, 160 VPP Output Voltage, EL Driver
09/14/21
More results

Similar Description - MIC4826

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Micrel Semiconductor
MIC4827 MICREL-MIC4827 Datasheet
142Kb / 13P
Low Input Voltage, 180VPP Output Voltage, EL Driver
logo
Supertex, Inc
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
logo
Micrel Semiconductor
MIC4827 MICREL-MIC4827_05 Datasheet
589Kb / 13P
Low Input Voltage, 180VPP Output Voltage, EL Driver
MIC4827 MICREL-MIC4827_09 Datasheet
402Kb / 15P
Low Input Voltage, 180VPP Output Voltage, EL Driver
MIC4826 MICREL-MIC4826_09 Datasheet
640Kb / 12P
Low Input Voltage, 160VPP Output Voltage, EL Driver
logo
Microchip Technology
MIC4826 MICROCHIP-MIC4826 Datasheet
2Mb / 22P
Low Input Voltage, 160 VPP Output Voltage, EL Driver
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com