Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4826 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4826
Description  Low Input Voltage, 160VPP Output Voltage, EL Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4826 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4826 Datasheet HTML 1Page - Micrel Semiconductor MIC4826 Datasheet HTML 2Page - Micrel Semiconductor MIC4826 Datasheet HTML 3Page - Micrel Semiconductor MIC4826 Datasheet HTML 4Page - Micrel Semiconductor MIC4826 Datasheet HTML 5Page - Micrel Semiconductor MIC4826 Datasheet HTML 6Page - Micrel Semiconductor MIC4826 Datasheet HTML 7Page - Micrel Semiconductor MIC4826 Datasheet HTML 8Page - Micrel Semiconductor MIC4826 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
August 2004
5
MIC4826
MIC4826
Micrel
0
50
100
150
200
250
300
350
400
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
EL Frequency
vs. Temperature
R
SW =1M
V
IN = 3.0V
R
SW = 2M
R
SW = 3.32M
0
20
40
60
80
100
120
140
160
180
0
123456
7
LAMP SIZE (sq. in.)
Output Voltage
vs. Lamp Size
R
SW = 332k
R
EL = 3.32M
V
IN = 3.0V
L = 220
µH
C
OUT = 0.1µF
D = BAV19WS
0
2
4
6
8
10
12
14
16
18
20
0
123456
7
LAMP SIZE (sq. in.)
Total Input Current
vs. Lamp Size
R
SW = 332k
R
EL = 3.32M
V
IN = 3.0V
L = 220
µH
D = BAV19WS
C
OUT = 0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com