Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4826 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC4826
Description  Low Input Voltage, 160VPP Output Voltage, EL Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4826 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC4826 Datasheet HTML 3Page - Micrel Semiconductor MIC4826 Datasheet HTML 4Page - Micrel Semiconductor MIC4826 Datasheet HTML 5Page - Micrel Semiconductor MIC4826 Datasheet HTML 6Page - Micrel Semiconductor MIC4826 Datasheet HTML 7Page - Micrel Semiconductor MIC4826 Datasheet HTML 8Page - Micrel Semiconductor MIC4826 Datasheet HTML 9Page - Micrel Semiconductor MIC4826 Datasheet HTML 10Page - Micrel Semiconductor MIC4826 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
August 2004
7
MIC4826
MIC4826
Micrel
EL Frequency
The EL lamp frequency is controlled via an external resistor
connected between REL pin and VDD pin of the device. As
the lamp frequency increases, the resistor value decreases.
For resistor value selections, see the “Typical
Characteristics: EL Frequency vs. EL Resistor” or use the
equation below. The EL frequency range is 60Hz to 1000Hz,
with an accuracy of
±20%.
fHz
RM
EL
EL
()
()
=
360
TIME (2ms/div)
V
IN = 3.0V
L = 220
µH
C
OUT = 0.01µF
Lamp = 2in2
R
SW = 442k
R
EL = 2M
Figure 3. 180Hz Output Waveform
In general, as the EL lamp frequency increases, the amount
of current drawn from the battery will increase. The color of
the EL lamp and the intensity are dependent upon its fre-
quency.
TIME (2ms/div)
V
IN = 3.0V
L = 220
µH
C
OUT = 0.01µF
Lamp = 2in2
R
SW = 562k
R
EL = 1M
Figure 4. 360Hz Output Waveform
Enable Function
The enable function of the MIC4826 is implemented by
switching the R
SW and REL resistor between ground and VDD.
When R
SW and REL are connected to ground, the switch and
the EL oscillators are disabled; therefore the EL driver be-
comes disabled. When these resistors connect to V
DD, both
oscillators will function and the EL driver is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com