Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4826 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC4826
Description  Low Input Voltage, 160VPP Output Voltage, EL Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4826 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC4826 Datasheet HTML 4Page - Micrel Semiconductor MIC4826 Datasheet HTML 5Page - Micrel Semiconductor MIC4826 Datasheet HTML 6Page - Micrel Semiconductor MIC4826 Datasheet HTML 7Page - Micrel Semiconductor MIC4826 Datasheet HTML 8Page - Micrel Semiconductor MIC4826 Datasheet HTML 9Page - Micrel Semiconductor MIC4826 Datasheet HTML 10Page - Micrel Semiconductor MIC4826 Datasheet HTML 11Page - Micrel Semiconductor MIC4826 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC4826
Micrel
MIC4826
8
August 2004
R1
322k
R2
3.32M
Li-Ion Battery
VIN
3.0V to 4.2V
C1
0.22
µF/10V
Murata
GRM39X7R 224K10
COUT
0.01
µF/100V
GRM40X7R103K
D1
Vishay Telefunken
MCL4148
L1
220
µH
Murata
LQH4C221K04
3in2 LAMP
15
6
7
8
2
3
4
SW
CS
VB
VA
VDD
RSW
REL
GND
MIC4826
C2
10
µF/6.3V
Murata
GRM42-6X5R106K6.3
Application Information
Inductor
In general, smaller value inductors, which can handle more
current, are more suitable to drive larger size lamps. As the
inductor value decreases, the switching frequency (con-
trolled by R
SW) should be increased to avoid saturation or the
input voltage should be increased. Typically, inductor values
ranging from 220
µH to 560µH can be used. Murata offers the
LQH3C series up to 560
µH and LQH4C series up to 470µH,
with low DC resistance. A 220
µH Murata (LQH4C221K04)
inductor is recommended for driving a lamp size of 3 square
inches. It has a maximum DC resistance of 4.0
Ω.
Diode
The application circuit specifies the 1N4148 or equivalent. It
has a forward current of 150mA and a typical forward voltage
of 950mV. For applications that are not cost driven, a fast
switching diode with lower forward voltage and higher re-
verse voltage can be used to enhance the efficiency, such as
BAV19WS and BAV20WS.
Output Capacitor
Low ESR capacitors should be used at the regulated boost
output (CS pin) of the MIC4826 to minimize the switching
output ripple voltage. Selection of the capacitor value will
depend upon the peak inductor current, inductor size, and the
load. MuRata offers the GRM40 series with up to 0.015
µF at
100V, with a X7R temperature coefficient in 0805 surface-
mount package. Typically, values ranging from 0.01
µF to
0.1
µF at 100V can be used for the regulated boost output
capacitor.
Pre-designed Application Circuits
V
IN
I
IN
V
A–VB
F
EL
Lamp Size
3.3V
20mA
160V
PP
100Hz
3in2
TIME (2ms/div)
Figure 5. Typical 100Hz EL Driver for 3in2 Lamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com