Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4826 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4826
Description  Low Input Voltage, 160VPP Output Voltage, EL Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4826 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4826 Datasheet HTML 1Page - Micrel Semiconductor MIC4826 Datasheet HTML 2Page - Micrel Semiconductor MIC4826 Datasheet HTML 3Page - Micrel Semiconductor MIC4826 Datasheet HTML 4Page - Micrel Semiconductor MIC4826 Datasheet HTML 5Page - Micrel Semiconductor MIC4826 Datasheet HTML 6Page - Micrel Semiconductor MIC4826 Datasheet HTML 7Page - Micrel Semiconductor MIC4826 Datasheet HTML 8Page - Micrel Semiconductor MIC4826 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
August 2004
3
MIC4826
MIC4826
Micrel
Electrical Characteristics
V
IN = VDD = 3.0V, RSW = 560KΩ, REL = 1.0MΩ. TA = 25°C unless otherwise specified. Bold values indicate -40°C ≤ TA ≤ +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
R
DS(ON)
On-resistance of switching transistor
I
SW = 100 mA, VCS = 75V
3.8
7.0
Ω
V
CS
Output voltage regulation
V
DD = 1.8V to 5.5V
75
80
85
V
73
87
V
V
A – VB
Output peak-to-peak voltage
V
DD = 1.8V to 5.5V
150
160
170
V
146
174
V
V
EN-L
Input low voltage (turn off)
V
DD = 1.8V to 5.5V
0.5
V
V
EN-H
Input high voltage (turn on)
V
DD = 1.8V to 5.5V
V
DD–0.5
V
I
SD
Shutdown current, Note 4
R
SW = LOW; REL = LOW;
0.01
0.1
µA
V
DD = 5.5V
0.5
µA
I
VDD
Input supply current
R
SW = HIGH; REL = HIGH;
21
75
µA
V
CS = 75V; VA, VB OPEN
I
CS
Boosted supply current
R
SW = HIGH; REL = HIGH;
200
400
µA
V
CS = 75V; VA, VB OPEN
I
IN
Input current including inductor
V
IN = VDD = 1.8V
28
mA
current
(See Test Circuit)
f
EL
V
A–VB output drive frequency
285
360
435
Hz
f
SW
Switching transistor frequency
53
66
79
kHz
D
Switching transistor duty cycle
90
%
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
Shutdown current is defined as the sum of current going into pin 1, 5, and 6 when the device is disabled.
Test Circuit
442k
2M
COUT
0.01
µF/100V
D1
1N4148
L1
220
µH
15
6
8
7
2
3
4
SW
CS
VA
VB
VDD
RSW
REL
GND
MIC4826
CIN
10
µF
VIN
10nF
100
Ω
Absolute Maximum Rating (Note 1)
Supply Voltage (V
DD) ..................................... –0.5V to +6V
Output Voltage (V
CS) ................................. –0.5V to +100V
Frequency Control Voltage (V
RSW, VREL) ... –0.5V to (VDD + 0.3V)
Power Dissipation @ T
A = 85°C ............................. 200mW
Storage Temperature (T
S) ....................... –65°C to +150°C
ESD Rating .............................................................. Note 3
Operating Ratings (Note 2)
Supply Voltage (V
DD) ...................................... 1.8V to 5.5V
Lamp Drive Frequency (f
EL) ...................... 60Hz to 1000Hz
Switching Transistor Frequency (f
SW) ........ 8kHz to 200kHz
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance
8-pin MSOP
(θ
JA) .............................................. 206°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com