Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4826 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC4826
Description  Low Input Voltage, 160VPP Output Voltage, EL Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4826 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC4826 Datasheet HTML 4Page - Micrel Semiconductor MIC4826 Datasheet HTML 5Page - Micrel Semiconductor MIC4826 Datasheet HTML 6Page - Micrel Semiconductor MIC4826 Datasheet HTML 7Page - Micrel Semiconductor MIC4826 Datasheet HTML 8Page - Micrel Semiconductor MIC4826 Datasheet HTML 9Page - Micrel Semiconductor MIC4826 Datasheet HTML 10Page - Micrel Semiconductor MIC4826 Datasheet HTML 11Page - Micrel Semiconductor MIC4826 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC4826
Micrel
MIC4826
10
August 2004
V
IN
I
IN
V
A–VB
F
EL
Lamp Size
3.3V
13.2mA
160V
PP
100Hz
2in2
TIME (2ms/div)
Figure 7. Typcial EL Driver for 2in2 Lamp with 560
µH inductor
R1
332k
R2
3.32M
VIN
3.3V to 5.5V
COUT
0.01
µF/100V
GRM40X7R103K100
D1
Diodes
BAV20WS
L1
560
µH
Murata
LQ32CN561K21
EL LAMP
LSI
X533-13
15
6
7
8
2
3
4
SW
CS
VB
VA
VDD
RSW
REL
GND
MIC4826
C2
10
µF/6.3V
Murata
GRM42-6X5R106K6.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com