Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2901-2IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2901-2IGN
Description  Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2901-2IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2901-2IGN Datasheet HTML 4Page - Linear Technology LTC2901-2IGN Datasheet HTML 5Page - Linear Technology LTC2901-2IGN Datasheet HTML 6Page - Linear Technology LTC2901-2IGN Datasheet HTML 7Page - Linear Technology LTC2901-2IGN Datasheet HTML 8Page - Linear Technology LTC2901-2IGN Datasheet HTML 9Page - Linear Technology LTC2901-2IGN Datasheet HTML 10Page - Linear Technology LTC2901-2IGN Datasheet HTML 11Page - Linear Technology LTC2901-2IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC2901
2901is sn2901
PI FU CTIO S
COMP3 (Pin 1): Comparator Output 3. Nondelayed, active
high logic output with weak pull-up to V2. Pulls high when
V3 is above reset threshold. May be pulled greater than V2
using external pull-up.
COMP1 (Pin 2): Comparator Output 1. Nondelayed, active
high logic output with weak pull-up to V2. Pulls high when
V1 is above reset threshold. May be pulled greater than V2
using external pull-up.
V3 (Pin 3): Voltage Input 3. Select from 2.5V, 1.8V, 1.5V
or ADJ. See Table 1 for details.
V1 (Pin 4): Voltage Input 1. Select from 5V or 3.3V. See
Table 1 for details. The greater of (V1, V2) is also VCC for
the chip. Bypass this pin to ground with a 0.1
µF (or
greater) capacitor.
CRT (Pin 5): Reset Delay Time Programming Pin. Attach
an external capacitor (CRT) to GND to set a reset delay time
of 4.6ms/nF. Leaving the pin open generates a minimum
delay of approximately 50
µs. A 47nF capacitor will gener-
ate a 216ms reset delay time.
RST (Pin 6): Reset Logic Output. Active low with weak
pull-up to V2 (LTC2901-1) or active pull-up to V2
(LTC2901-2). Pulls low when any voltage input is below
the reset threshold and held low for programmed delay
time after all voltage inputs are above threshold. May be
pulled above V2 using an external pull-up (LTC2901-1
only).
WDO (Pin 7): Watchdog Output. Active low logic output
with weak pull-up to V2. May be pulled greater than V2
using external pull-up. The watchdog output pulls low if
the watchdog timer is allowed to time out and remains low
until set high by the next WDI transistion or anytime RST
is low. The watchdog timer is enabled when RST is high.
WDI (Pin 8): Watchdog Input. A logic input whose rising
or falling edge must occur on this pin (while RST is high)
within the selected watchdog time-out period, prohibiting
a high-to-low transition on the WDO pin. The watchdog
time-out period is set by the value of the capacitor that is
attached to the CWT pin. A rising or falling edge on the WDI
pin clears the voltage on the CWT capacitor, preventing
WDO from going low. When disabling the watchdog
function, tie CWT to GND.
CWT (Pin 9): Watchdog Time-Out Programming Pin.
Attach a capacitor (CWT) between CWT and GND to set a
watchdog time-out period of 20ms/nF. Leaving the pin
open generates a minimum time-out of approximately
200
µs. A 47nF capacitor will generate a 940ms watchdog
time-out period.
GND (Pin 10): Ground.
VPG (Pin 11): Voltage Threshold Combination Select
Input. Connect to an external 1% resistive divider be-
tween VREF and GND to select 1 of 16 combinations of
preset and/or
±adjustablevoltagethresholds(seeTable 1).
Do not add capacitance on the VPG pin.
VREF (Pin 12): Buffered Reference Voltage. A 1.210V
nominal reference used for programming voltage (VPG)
and for the offset of negative adjustable applications. The
buffered reference can source and sink up to 1mA. The
reference can drive a bypass capacitor of up to 1000pF
without oscillation.
V4 (Pin 13): Voltage Input 4. Select from 1.8V, 1.5V, ADJ
or – ADJ. See Table 1 for details.
V2 (Pin 14): Voltage Input 2. Select from 3.3V, 3V or 2.5V.
See Table 1 for details. The greater of (V1, V2) is also VCC
for chip. Bypass this pin to ground with a 0.1
µF(orgreater)
capacitor. All logic outputs (COMP1, COMP2, COMP3,
COMP4, RST, WDO) are weakly pulled up to V2
(LTC2901-1). RST is actively pulled up to V2 in the
LTC2901-2.
COMP4 (Pin 15): Comparator Output 4. Nondelayed,
active high logic output with weak pull-up to V2. Pulls high
when V4 is above reset threshold. May be pulled greater
than V2 using external pull-up.
COMP2 (Pin 16): Comparator Output 2. Nondelayed,
active high logic output with weak pull-up to V2. Pulls high
when V2 is above reset threshold. May be pulled greater
than V2 using external pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com